Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM75A
Description  Digital temperature sensor and thermal Watchdog
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75A Datasheet(HTML) 4 Page - NXP Semiconductors

  LM75A Datasheet HTML 1Page - NXP Semiconductors LM75A Datasheet HTML 2Page - NXP Semiconductors LM75A Datasheet HTML 3Page - NXP Semiconductors LM75A Datasheet HTML 4Page - NXP Semiconductors LM75A Datasheet HTML 5Page - NXP Semiconductors LM75A Datasheet HTML 6Page - NXP Semiconductors LM75A Datasheet HTML 7Page - NXP Semiconductors LM75A Datasheet HTML 8Page - NXP Semiconductors LM75A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
2004 Oct 05
4
TYPICAL APPLICATION
8
2
SCL
1
SDA
3
LM75A
OS
5
A2
6
A1
7
A0
4
GND
I2C-BUS
VCC POWER SUPPLY
BUS
PULL-UP
RESISTORS
DIGITAL LOGIC
0.1
µF
10 k
VCC
DETECTOR OR
INTERRUPT LINE
SL01390
10 k
10 k
Figure 3. Typical application.
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC to GND
–0.3
6.0
V
Voltage at input pins
–0.3
6.0
V
Current at input pins
–5.0
5.0
mA
OS output sink current
10.0
mA
OS output voltage
–0.3
6.0
V
ESD
Human Body Model
2000
V
Machine Model
200
V
Tstg
Storage temperature range
–65
150
°C
Tj
Junction temperature
150
°C
NOTE:
1. This is a stress rating only. Functional operation of the device as indicated in the operational section is not applied to this absolute maximum
rating. Stresses above those listed in ‘Absolute Maximum Ratings’ may cause permanent damage to the device and exposure to any of
these rating conditions for extended periods may affect device reliability.
OPERATING RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage
2.8
5.5
V
Tamb
Operating ambient temperature range
–55
125
°C


Similar Part No. - LM75A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
NXP Semiconductors
LM75AD NXP-LM75AD Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

Similar Description - LM75A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com