Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOVS-BY16MHZ Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOVS-BY16MHZ
Description  Sine Wave Output 10 to 54 MHz Tight stability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOVS-BY16MHZ Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOVS-BY16MHZ Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOVS-BY16MHZ Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOVS-BY16MHZ Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
SCOCXOS familypackageDIL14
Sine Wave Output 10 to 54 MHz Tight stability
20.20
15.24
1
7
8
14
0.46
10.7
All dimensions in mm typical
DESCRIPTION:
This DIL 14 package has been specially designed for the applications:
- Digital switching
- Telecom transmission
- Sonet / SDH / DWDM / FDM/36 / WIMAX
- Airbone equipments
- Battery operated systems
- Instrumentation
- Radio Transceiver
The OCXO are supplied on trays (50 pcs/tray).
Oven control quartz crystal oscillator
Fundamental mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Customer specification on request
Very fast warm up
Low power consumption
Swiss made quality
ELECTRICAL
CHARACTERISTICS AT 25°C
Frequency versus temperature
A: 0 to +60°C
B: -20 to +70°C
C: -40 to +85°C
ΔF/F
see table 1
(without air flow)
Frequency long term aging
1)
long term aging 10 years
long term aging 1st year
ΔF/F
< ± 2.5
≤ ± 0.3
ppm
Frequency control range
Vc
≥ ± 2.5 (see table 3)
ppm
Supply voltage
Vdd
3.3 / 5 / 12
V
Input current
Idd
see table 2
Output signal sine wave
see table 4
Start-up time
t
<5
ms
Frequency stability versus load ± 5% ΔF/F
≤ ± 10
ppb
Warm-up within ± 0.1 ppm at 25°C
Vdd
3.3
5
12
V
t
≤ 120
≤ 60
≤ 30
s
Stability versus Vdd
ΔF/F
< ± 0.1
ppm
Short term stability 0.1 to 30s
5E-11 typ at 1s
Tau
< 1
E-10
Phase noise typical at 10 MHz
Static conditions
BW = 1Hz
10Hz
100Hz
1 kHz
10 kHz
3.3V / 5V
12V
dBc/
Hz
-110
-135
-145
-150
-100
-130
-140
-145
RoHScompliant:
Pin out
Pin 1 = Voltage control
Pin 7 = GND
Pin 8 = Fout
Pin 14 = Vdd
Package:
1) <± 1 E-9 / day after 30 days operating


Similar Part No. - SCOCXOVS-BY16MHZ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS-BV5 GOLLEDGE-SCOCXOVS-BV5 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
More results

Similar Description - SCOCXOVS-BY16MHZ

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
   Sine Wave Output 10 to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
   3.3V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
   3.3V OCXO Sine Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
   5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
   3.3V OCXO Sine Output Tight Stability
logo
Advanced XTAL Products
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
   OCXO High stability, Sine Wave Output
logo
Golledge Electronics Lt...
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
   5V Tight Stability OCXO with Sine Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com