Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCOCXOHSVT-XV540 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHSVT-XV540
Description  Sine Wave Output 10 to 120MHz Low phase noise
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOHSVT-XV540 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOHSVT-XV540 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOHSVT-XV540 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXOHSVT-XV540 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
SCOCXOHS familypackageDIL14
Sine Wave Output 10 to 120MHz Low phase noise
20.20
15.24
1
7
8
14
0.46
10.7
All dimensions in mm typical
DESCRIPTION:
This DIL 14 package has been specially designed for the applications:
- Digital switching
- Telecom transmission
- Sonet / SDH / DWDM / FDM/36 / WIMAX
- Airbone equipments
- Battery operated systems
- Instrumentation
- Radio Transceiver
The OCXO are supplied on trays (50 pcs/tray).
Oven control quartz crystal oscillator
Fundamental mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Customer specification on request
Very fast warm up
Low power consumption
Swiss made quality
ELECTRICAL
CHARACTERISTICS AT 25°C
Frequency versus temperature
A: 0 to +60°C
B: -20 to +70°C
C: -40 to +85°C
ΔF/F
see table 1
(without air flow)
Frequency long term aging
1)
long term aging 10 years
long term aging 1st year
ΔF/F
≤40MHz
>40MHz
ppm
< ± 2.5
≤ ± 0.3
< ± 4
≤ ± 1
Frequency control range see table 3
Vc
≤40MHz
>40MHz
≥ ± 2.5
≥ ± 4
ppm
Supply voltage
Vdd
3.3 / 5
V
Input current
Idd
see table 2
Output signal sine wave
see table 4
Start-up time
t
<5
ms
Frequency stability versus load ± 5% ΔF/F
≤ ± 10
ppb
Warm-up within ± 0.1 ppm at 25°C
Vdd
3.3
5
V
t
≤ 120
≤ 60
s
Stability versus Vdd
ΔF/F
< ± 0.1
ppm
Short term stability 0.1 to 30s
5E-11 typ at 1s
Tau
< 1
E-10
Phase noise typical
Static conditions
BW = 1Hz
10Hz
100Hz
1 kHz
10 kHz
100kHz
10MHz
100MHz
dBc/
Hz
-110
-140
-155
-160
-160
-90
-120
-140
-150
-155
RoHScompliant:
Pin out
Pin 1 = Voltage control
Pin 7 = GND
Pin 8 = Fout
Pin 14 = Vdd
Package:
1) <± 1 E-9 / day after 30 days operating 10MHz
<± 3 E-9 / day after 30 days operating 100MHz


Similar Part No. - SCOCXOHSVT-XV540

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHSV GOLLEDGE-SCOCXOHSV Datasheet
558Kb / 5P
   5V Sine Output OCXO
More results

Similar Description - SCOCXOHSVT-XV540

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
   OCXO with Sine Wave Output, Low Phase Noise
AXIOM2520-11 AXTAL-AXIOM2520-11 Datasheet
103Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM35LN AXTAL-AXIOM35LN Datasheet
120Kb / 4P
   Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
   Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
   Ultra-Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com