Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6824C Datasheet(PDF) 11 Page - ON Semiconductor

Part # FDMF6824C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6824C Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FDMF6824C Datasheet HTML 7Page - ON Semiconductor FDMF6824C Datasheet HTML 8Page - ON Semiconductor FDMF6824C Datasheet HTML 9Page - ON Semiconductor FDMF6824C Datasheet HTML 10Page - ON Semiconductor FDMF6824C Datasheet HTML 11Page - ON Semiconductor FDMF6824C Datasheet HTML 12Page - ON Semiconductor FDMF6824C Datasheet HTML 13Page - ON Semiconductor FDMF6824C Datasheet HTML 14Page - ON Semiconductor FDMF6824C Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6824C
• Rev. 1.0.1
Typical Performance Characteristics
Test Conditions: VCIN=5 V, VDRV=5 V, TA=25°C, and natural convection cooling, unless otherwise specified.
Figure 18.
PWM Threshold vs. Temperature
Figure 19.
SMOD# Threshold vs. Driver Supply
Voltage
Figure 20.
SMOD# Threshold vs. Temperature
Figure 21.
SMOD# Pull-Up Current vs. Temperature
Figure 22.
DISB# Threshold vs. Driver Supply
Voltage
Figure 23.
DISB# Threshold vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-55
0
25
55
100
125
150
Driver IC Junction Temperature, T J (oC)
VCIN = 5V
VIH_PWM
VTRI_HI
VHIZ_PWM
VTRI_LO
VIL_PWM
1.2
1.4
1.6
1.8
2.0
2.2
4.50
4.75
5.00
5.25
5.50
Driver IC Supply Voltage, VCIN (V)
VIH_SMOD#
VIL_SMOD#
TA = 25°C
1.2
1.4
1.6
1.8
2
2.2
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
VIH_SMOD#
VIL_SMOD#
VCIN = 5V
-12.0
-11.5
-11.0
-10.5
-10.0
-9.5
-9.0
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
VCIN = 5V
1.2
1.4
1.6
1.8
2.0
2.2
4.50
4.75
5.00
5.25
5.50
Driver IC Supply Voltage, VCIN (V)
VIH_DISB#
VIL_DISB#
TA = 25°C
1.2
1.4
1.6
1.8
2.0
2.2
-55
0
25
55
100
125
150
Driver IC Junction Temperature, T J (oC)
VIH_DISB#
VIL_DISB#
VCIN = 5V


Similar Part No. - FDMF6824C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6824C FAIRCHILD-FDMF6824C Datasheet
1Mb / 19P
   FDMF6824C ??Extra-Small, High-Performance, High-Frequency DrMOS Module
More results

Similar Description - FDMF6824C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
FDMF6823C ONSEMI-FDMF6823C Datasheet
931Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.3
FDMF6705 ONSEMI-FDMF6705 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.4
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
logo
Fairchild Semiconductor
FDMF6821C FAIRCHILD-FDMF6821C Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6707B FAIRCHILD-FDMF6707B Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com