Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6704V Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF6704V
Description  The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6704V Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF6704V Datasheet HTML 5Page - ON Semiconductor FDMF6704V Datasheet HTML 6Page - ON Semiconductor FDMF6704V Datasheet HTML 7Page - ON Semiconductor FDMF6704V Datasheet HTML 8Page - ON Semiconductor FDMF6704V Datasheet HTML 9Page - ON Semiconductor FDMF6704V Datasheet HTML 10Page - ON Semiconductor FDMF6704V Datasheet HTML 11Page - ON Semiconductor FDMF6704V Datasheet HTML 12Page - ON Semiconductor FDMF6704V Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8
www.fairchildsemi.com
FDMF6704V Rev. C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
Temperature, oC
VIH
VIL
VRIN = 12 V
Typical Characteristics
VIN = 12V, VDRV = 12V, TA = 25°C unless otherwise noted.
Figure 15. PWM Tri-state Threshold Voltage vs. Temperature
Figure 18. Internal 5 V Regulator Power Dissipation vs.
Frequency and VDRV Voltage
Figure 17. DISB# Threshold Voltage vs. Temperature
Figure 13. Driver Supply Current vs. Frequency
Figure 14. Driver Supply Current vs. Temperature
Figure 16. SMOD# Threshold Voltage vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
Temperature, oC
VIH
VIL
VRIN = 12 V
40
41
42
43
44
45
46
47
48
49
50
-50
-25
0
25
50
75
100
125
150
Temperature, oC
VRIN = 12 V
fSW = 1 MHz
0
5
10
15
20
25
30
35
40
45
200
300
400
500
600
700
800
900
1000
fSW, kHz
VRIN = 12 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
25
85
125
150
Temperature, oC
ON STATE
OFF STATE
TRI STATE
VRIN = 12 V
0
80
160
240
320
400
200
300
400
500
600
700
800
900
1000
Switching Frequency, kHz
16V
12V
8V
VDRV = 12 V
VDRV = 12 V
VDRV = 12 V
VDRV = 12 V
fSW = 1 MHz
VDRV = 12 V


Similar Part No. - FDMF6704V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
More results

Similar Description - FDMF6704V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
FDMF6704A FAIRCHILD-FDMF6704A_09 Datasheet
721Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704 FAIRCHILD-FDMF6704 Datasheet
682Kb / 13P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
logo
Fairchild Semiconductor
FDMF6704 FAIRCHILD-FDMF6704_09 Datasheet
835Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704 ONSEMI-FDMF6704 Datasheet
952Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. G
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com