Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6704V Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMF6704V
Description  The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6704V Datasheet(HTML) 5 Page - ON Semiconductor

  FDMF6704V Datasheet HTML 1Page - ON Semiconductor FDMF6704V Datasheet HTML 2Page - ON Semiconductor FDMF6704V Datasheet HTML 3Page - ON Semiconductor FDMF6704V Datasheet HTML 4Page - ON Semiconductor FDMF6704V Datasheet HTML 5Page - ON Semiconductor FDMF6704V Datasheet HTML 6Page - ON Semiconductor FDMF6704V Datasheet HTML 7Page - ON Semiconductor FDMF6704V Datasheet HTML 8Page - ON Semiconductor FDMF6704V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4
www.fairchildsemi.com
FDMF6704V Rev. C
Electrical Characteristics
VIN = 12 V, VDRV = 12 V, TA = 25 °C unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max Units
Operating Quiescent Current
IQ
PWM = GND
2
mA
PWM = VCIN
2
Internal 5V Regulator
Input Voltage
VDRV
8
14
V
Input Current
IVDRV
8V < VIN < 14V, 1MHz
36
mA
Output voltage
VCIN
VDRV = 8V, ILoad = 5mA
4.8
5
5.2
V
Power Dissipation
PVDRV
VDRV = 12V, 1MHz
250
mW
VCIN Capacitor
CVCIN
X7R Ceramic
4.7
10
F
Line Regulation
8V < VDRV < 14V, ILoad = 5mA
20
mV
Load Regulation
VDRV = 8V, 5mA < ILoad < 100mA
75
mV
Short Circuit Current Limit
200
mA
UVLO Threshold
7.5
V
UVLO COMP Hysteresis
0.5
V
PWM Input
Sink Impedance
PWM to GND
10
k
Source Impedance
PWM to VCIN
10
k
Tri-State Rising Threshold
3.2
3.4
3.6
V
Tri-State Rising Hysteresis
100
mV
Tri-State Falling Threshold
1.2
1.4
1.6
V
Tri-State Falling Hysteresis
100
mV
Tri-State Pin Open
2.5
V
Tri-State Shut Off Time
100
ns
SMOD# and DISB# Input
High Level Input Voltage
2
V
Low Level Input Voltage
0.8
V
Input Bias Current
-2
2
A
Propagation Delay Time
PWM = GND, delay between SMOD#
or DISB# from HI to LO to GL from HI
to LO.
15
ns
High Side Driver
Rise Time
10 % to 90 %
25
ns
Fall Time
90 % to 10 %
20
ns
Deadband Time
tDTHH
GL going LO to GH going HI, 10 % to
10 %
25
ns
Propagation Delay
tPDHL
PMW going LO to GH going LO
10
ns
Low Side Driver
Rise Time
10 % to 90 %
25
ns
Fall Time
90 % to 10 %
20
ns
Deadband Time
tDTLH
VSWH going LO to GL going HI, 10
% to 10 %
20
ns
Propagation Delay
tPDLL
PWM going HI to GL going LO
10
ns
250 ns Time Out Circuit
250 ns Time Delay
Delay between GH from HI to LO and
GL from LO to HI if VSWH is high.
250
ns


Similar Part No. - FDMF6704V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
More results

Similar Description - FDMF6704V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
FDMF6704A FAIRCHILD-FDMF6704A_09 Datasheet
721Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704 FAIRCHILD-FDMF6704 Datasheet
682Kb / 13P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
logo
Fairchild Semiconductor
FDMF6704 FAIRCHILD-FDMF6704_09 Datasheet
835Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704 ONSEMI-FDMF6704 Datasheet
952Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. G
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com