Electronic Components Datasheet Search |
|
SCOCXOHWT-AYB20 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND |
|
SCOCXOHWT-AYB20 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND |
1 / 3 page DIMENSIONS SCOCXOH familypackage DIL14 HC-MOS output 10 to 120 MHz 20.20 15.24 1 7 8 14 0.46 10.7 Package: All dimensions in mm typical DESCRIPTION: This DIL 14 package has been specially designed for the applications: - Digital switching - Telecom transmission - Sonet / SDH / DWDM / FDM/36 / WIMAX - Airbone equipments - Battery operated systems - Instrumentation - Radio Transceiver The OCXO are supplied on trays (50 pcs/tray). Oven control quartz crystal oscillator Fundamental mode frequency High shock and vibration resistance Wide temperature range Low aging Customer specification on request Very fast warm up Low power consumption Swiss made quality ELECTRICAL CHARACTERISTICS 25°C RoHScompliant: Pin out Pin 1 = Voltage control Pin 7 = GND Pin 8 = Fout Pin 14 = Vdd 1) <± 1 E-9 / day after 30 days operating Frequency versus temperature A: 0 to +60°C B: -20 to +70°C C: -40 to +85°C ΔF/F see table 1 (without air flow) Frequency long term aging 1) long term aging 10 years long term aging 1st year ΔF/F ≤ 40MHz >40MHz ppm < ± 2.5 ≤ ± 0.3 < ± 4 ≤ ± 1 Frequency control range see table 3 Vc ≤ 40MHz >40MHz ≥ ± 2.5 ≥ ± 4 ppm Supply voltage Vdd 3.3 / 5 V Input current Idd see table 2 Output signal sine wave HC-MOS compatible Symmetry at Vdd/2 40 / 60 % Rise & fall time (without load) ≤7 nS Level "0" & "1" <0.4V> Vcc-0.5 V Load min / max 3/47 pF Start-up time t <5 ms Frequency stability versus load ± 10% ΔF/F ≤ ± 30 ppb Warm-up within ± 0.1 ppm at 25°C Vdd 3.3 5 V t ≤ 120 ≤ 60 s Stability versus Vdd ΔF/F < ± 0.1 ppm Short term stability 0.1 to 30s 5E-11 typ at 1s Tau < 1 E-10 Phase noise typical Static conditions BW = 1Hz 10Hz 100Hz 1 kHz 10 kHz 100kHz 10MHz 100MHz dBc/ Hz -105 -135 -150 -160 -160 -90 -120 -140 -150 -155 |
Similar Part No. - SCOCXOHWT-AYB20 |
|
Similar Description - SCOCXOHWT-AYB20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |