Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C1528-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C1528-12
Description  SMA Male Right Angle to N Male Right Angle Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1528-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C1528-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1528-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1528-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1528-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1528-12 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: N Male Right Angle
• Cable Type: PE-P142LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.50:1 to 18 GHz
• Minimum Bend Radius of 1 Inch
• Operating Temperature range of -55 to +125°C
• ROHS and REACH Compliant
• Same day shipment of customs lengths
.
Description
The PE3C1528 series high performance test cable’s 0.195 inch diameter and 83% phase velocity offer very low loss perfor-
mance up to 18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test
environments where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all
rated to 18 GHz. A heavy duty boot provides improved strain relief and adds to the durability of the cable assemblies. These
cable assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95
dB. All PE3C1528 cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom lengths
are built to order and shipped same day
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.5:1
Return Loss
13.98
dB
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to N Male Right Angle Low Loss Cable 12 Inch Length Using PE-
P142LL Coax, RoHS PE3C1528-12
PE3C1528-12 REV 1.0
SMA Male Right Angle to N Male Right Angle Low Loss
Cable 12 Inch Length Using PE-P142LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C1528-12


Similar Part No. - PE3C1528-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1528-100CM PASTERNACK-PE3C1528-100CM Datasheet
417Kb / 5P
   SMA Male Right Angle to N Male Right Angle Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1528-150CM PASTERNACK-PE3C1528-150CM Datasheet
417Kb / 5P
   SMA Male Right Angle to N Male Right Angle Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C1528-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1425-12 PASTERNACK-PE3C1425-12 Datasheet
400Kb / 5P
   SMA Male Right Angle to SMA Male Right Angle Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1037-12 PASTERNACK-PE3C1037-12 Datasheet
1Mb / 5P
   SMA Male to N Male Right Angle Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1409-12 PASTERNACK-PE3C1409-12 Datasheet
1Mb / 5P
   SMA Male Right Angle to TNC Male Right Angle Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C0967-12 PASTERNACK-PE3C0967-12 Datasheet
1Mb / 5P
   N Male Right Angle to N Male Right Angle Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1528-24 PASTERNACK-PE3C1528-24 Datasheet
417Kb / 5P
   SMA Male Right Angle to N Male Right Angle Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PE3C1528-36 PASTERNACK-PE3C1528-36 Datasheet
417Kb / 5P
   SMA Male Right Angle to N Male Right Angle Low Loss Cable 36 Inch Length Using PE-P142LL Coax, RoHS
PE3C1528-60 PASTERNACK-PE3C1528-60 Datasheet
418Kb / 5P
   SMA Male Right Angle to N Male Right Angle Low Loss Cable 60 Inch Length Using PE-P142LL Coax, RoHS
PE3C1425-24 PASTERNACK-PE3C1425-24 Datasheet
400Kb / 5P
   SMA Male Right Angle to SMA Male Right Angle Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PE3C1425-48 PASTERNACK-PE3C1425-48 Datasheet
400Kb / 5P
   SMA Male Right Angle to SMA Male Right Angle Low Loss Cable 48 Inch Length Using PE-P142LL Coax, RoHS
PE3C1528-48 PASTERNACK-PE3C1528-48 Datasheet
429Kb / 5P
   SMA Male Right Angle to N Male Right Angle Low Loss Cable 48 Inch Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com