Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V36104 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V36104
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36104 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V36104 Datasheet HTML 3Page - Integrated Device Technology IDT72V36104 Datasheet HTML 4Page - Integrated Device Technology IDT72V36104 Datasheet HTML 5Page - Integrated Device Technology IDT72V36104 Datasheet HTML 6Page - Integrated Device Technology IDT72V36104 Datasheet HTML 7Page - Integrated Device Technology IDT72V36104 Datasheet HTML 8Page - Integrated Device Technology IDT72V36104 Datasheet HTML 9Page - Integrated Device Technology IDT72V36104 Datasheet HTML 10Page - Integrated Device Technology IDT72V36104 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
COMMERCIALTEMPERATURERANGE
IDT72V3684/72V3694/72V36104 3.3V CMOS SyncBiFIFOTM WITH
BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65 and 536 x 36 x 2
7
DETERMINING ACTIVE CURRENT CONSUMPTION AND POWER DISSIPATION
The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT72V3684/72V3694/72V36104 with CLKA
andCLKBsettofS. Alldatainputsanddataoutputschangestateduringeachclockcycletoconsumethehighestsupplycurrent. Dataoutputsweredisconnected
to normalize the graph to a zero capacitance load. Once the capacitance load per data-output channel and the number of these device's inputs driven by TTL
HIGH levels are known, the power dissipation can be calculated with the equation below.
CALCULATING POWER DISSIPATION
With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by:
PT = VCC x ICC(f) +
Σ(CL x VCC2 x fo)
N
where:
N
=
number of used outputs (36-bit (long word), 18-bit (word) or 9-bit (byte) bus size)
CL
=
output capacitance load
fo
=
switching frequency of an output
Figure 1. Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS)
0
10
20
3040
506070
0
10
20
30
40
50
60
fS
Clock Frequency MHz
fdata = 1/2 fS
TA = 25
°C
CL = 0 pF
4677 drw03
70
90
80
100
80
90
100
VCC = 3.3V
VCC = 3.6V
VCC = 3.0V


Similar Part No. - IDT72V36104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36100 IDT-IDT72V36100 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36100L10BB IDT-IDT72V36100L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100L10BBI IDT-IDT72V36100L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results

Similar Description - IDT72V36104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com