Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT5V9351 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT5V9351
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT5V9351 Datasheet(HTML) 4 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT5V9351
LOWVOLTAGEPLLCLOCKDRIVER
FUNCTION TABLE(1)
INPUTS
OUTPUTS
fSELA
fSELB
fSELC
fSELD
QA
QB
QC
QD
0
0
0
0
2 * CLK
CLK
CLK
CLK
0
0
0
1
2 * CLK
CLK
CLK
CLK
÷ 2
0
0
1
0
4 * CLK
2 * CLK
CLK
2 * CLK
0
0
1
1
4 * CLK
2 * CLK
CLK
CLK
0
1
0
0
2 * CLK
CLK
÷ 2
CLK
CLK
0
1
0
1
2 * CLK
CLK
÷ 2
CLK
CLK
÷ 2
0
1
1
0
4 * CLK
CLK
CLK
2 * CLK
0
1
1
1
4 * CLK
CLK
CLK
CLK
1
0
0
0
CLK
CLK
CLK
CLK
1
0
0
1
CLK
CLK
CLK
CLK
÷ 2
1
0
1
0
2 * CLK
2 * CLK
CLK
2 * CLK
1
0
1
1
2 * CLK
2 * CLK
CLK
CLK
1
1
0
0
CLK
CLK
÷ 2
CLK
CLK
1
1
0
1
CLK
CLK
÷ 2
CLK
CLK
÷ 2
1
1
1
0
2 * CLK
CLK
CLK
2 * CLK
1
1
1
1
2 * CLK
CLK
CLK
CLK
NOTE:
1. Output frequency relationship with respect to input reference frequency CLK. QC1 is connected to FBIN.
DC ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, VCC = 3.3V ± 5%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
VIH
Input HIGH Voltage
LVCMOS Inputs
2
VCC + 0.3
V
VIL
InputLOWVoltage
LVCMOS Inputs
0.8
V
VPP
Peak-to-PeakInputVoltage
PECL_CLK
250
mV
VCMR
Common Mode(1)
PECL_CLK
1
VCC - 0.6
V
VOH
Output HIGH Voltage(2)
IOH = -24mA
2.4
V
VOL
OutputLOWVoltage(2)
IOL = 24mA
0.55
V
IOL = 12mA
0.3
ZOUT
OutputImpedance
14 - 17
IIN
InputLeakageCurrent
±150
µA
ICC
Maximum Quiescent Supply Current
All VCC Pins
1
mA
ICCPLL
Maximum PLL Supply Current
VCCA Only
3
5
mA
NOTES:
1. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range and the input swing lies within the VPP
(DC) specification.
2. The IDT5V9351 outputs can drive series or paralell terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC932LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC990LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2972Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC992LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC958LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC93R51LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2952Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC950LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC9350LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC952LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn