Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT5V9351 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT5V9351
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT5V9351 Datasheet(HTML) 2 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT5V9351
LOWVOLTAGEPLLCLOCKDRIVER
TQFP
TOP VIEW
PIN CONFIGURATION
VCCA
fSELA
fSELB
fSELC
FBIN
GND
PECL_CLK
QC0
VCC
QC1
GND
QD0
VCC
QD1
GND
9
1011
1213141516
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
fSELD
Symbol
Description
Max.
Unit
VCC
Supply Voltage
–0.3 to +4.6
V
VI
Input Voltage
–0.3 to VCC+0.3
V
VO
DC Output Voltage
–0.3 to VCC+0.3
V
IIN
Input Current
±20
mA
IO
DC Output Current
±50
mA
TSTG
Storage Temperature
–55 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTES:
1. IDT5V9351 requires an external RC filter for the analog power supply pin VCCA.
2. For VCC = 2.5V, RF = 9-10
Ω, CF = 22µF.
For VCC = 3.3V, RF = 5-15
Ω, CF = 22µF.
LOGIC DIAGRAM(1,2)
RF
VCC
CF
VCCA
VCC
10nF
33...100nF
Symbol
Parameter
Min.
Typ.
Max.
Unit
CIN
Input Capacitance
4
pF
CPD
Power Dissipation
10
pF
Capacitance
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Min.
Typ.
Max.
Unit
VTT
Output Termination Voltage
VCC/2
V
HBM
ESD (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
GENERALSPECIFICATIONS


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC932LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC990LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2972Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC992LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC958LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC93R51LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2952Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC950LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC9350LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC952LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn