Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C181J1GACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C181J1GACAUTO
Description  SMD Auto C0G, Ceramic, 180 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C181J1GACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C181J1GACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/25/2017 - 7d4fbf7a-da2c-4547-8047-c9eefd689c2c
KEMET Part Number: C0603C181J1GACAUTO
SMD Auto C0G, Ceramic, 180 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Auto C0G
Style: SMD Chip
Chip Size: 0603
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Automotive Grade
Features: Ultra-Stable, Low Loss,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 180 pF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1% 1MHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C181J1GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C181J1GACTU KEMET-C0603C181J1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 180 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0603C181J1GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C181JAGACAUTO KEMET-C0603C181JAGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 180 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C101J1GACAUTO KEMET-C0603C101J1GACAUTO Datasheet
71Kb / 1P
   SMD Auto C0G, Ceramic, 100 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C391J1GACAUTO KEMET-C0603C391J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 390 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C681J1GACAUTO KEMET-C0603C681J1GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 680 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C121J1GACAUTO KEMET-C0603C121J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 120 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C561J1GACAUTO KEMET-C0603C561J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 560 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C101JAGACAUTO KEMET-C0603C101JAGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 100 pF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C271J1GACAUTO KEMET-C0603C271J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 270 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C821J1GACAUTO KEMET-C0603C821J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 820 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C331J1GACAUTO KEMET-C0603C331J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 330 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com