Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9278 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9278
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9278 Datasheet HTML 8Page - Analog Devices AD9278 Datasheet HTML 9Page - Analog Devices AD9278 Datasheet HTML 10Page - Analog Devices AD9278 Datasheet HTML 11Page - Analog Devices AD9278 Datasheet HTML 12Page - Analog Devices AD9278 Datasheet HTML 13Page - Analog Devices AD9278 Datasheet HTML 14Page - Analog Devices AD9278 Datasheet HTML 15Page - Analog Devices AD9278 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Data Sheet
AD9278
Rev. A | Page 11 of 44
Table 6. Pin Function Descriptions
Pin No.
Name
Description
B5, B6, B8, C5, C6, C7, C8, D5, D6, D7, D8,
E1, E5, E6, E7, E8, E12, F2, F4, F6, F7, F9,
F11, G1, G3, G5, G6, G7, G8, G10, G12,
H2, H3, H4, H5, H6, H7, H8, H9, H10, H11,
J2, J4, J8, K1, K2, K4, M1, M12
GND
Ground (should be tied to a quiet analog ground)
F1, F3, F5, F8, F10, F12, G2, G4, G9, G11
AVDD1
1.8 V Analog Supply
B7, E2, E3, E4, E9, E10, E11, J6, K6
AVDD2
3.0 V Analog Supply
L1, L12
DRVDD
1.8 V Digital Output Driver Supply
A1
LI-E
LNA Analog Input for Channel E
B1
LG-E
LNA Ground for Channel E
C2
LO-F
LNA Analog Inverted Output for Channel F
D2
LOSW-F
LNA Analog Switched Output for Channel F
A2
LI-F
LNA Analog Input for Channel F
B2
LG-F
LNA Ground for Channel F
C3
LO-G
LNA Analog Inverted Output for Channel G
D3
LOSW-G
LNA Analog Switched Output for Channel G
A3
LI-G
LNA Analog Input for Channel G
B3
LG-G
LNA Ground for Channel G
C4
LO-H
LNA Analog Inverted Output for Channel H
D4
LOSW-H
LNA Analog Switched Output for Channel H
A4
LI-H
LNA Analog Input for Channel H
B4
LG-H
LNA Ground for Channel H
H1
CLK−
Clock Input Complement
J1
CLK+
Clock Input True
M2
DOUTH−
ADC H Digital Output Complement
L2
DOUTH+
ADC H Digital Output True
M3
DOUTG−
ADC G Digital Output Complement
L3
DOUTG+
ADC G Digital Output True
M4
DOUTF−
ADC F Digital Output Complement
L4
DOUTF+
ADC F Digital Output True
M5
DOUTE−
ADC E Digital Output Complement
L5
DOUTE+
ADC E Digital Output True
M6
DCO−
Digital Clock Output Complement
L6
DCO+
Digital Clock Output True
M7
FCO−
Frame Clock Digital Output Complement
L7
FCO+
Frame Clock Digital Output True
M8
DOUTD−
ADC D Digital Output Complement
L8
DOUTD+
ADC D Digital Output True
M9
DOUTC−
ADC C Digital Output Complement
L9
DOUTC+
ADC C Digital Output True
M10
DOUTB−
ADC B Digital Output Complement
L10
DOUTB+
ADC B Digital Output True
M11
DOUTA−
ADC A Digital Output Complement
L11
DOUTA+
ADC A Digital Output True
K11
STBY
Standby Power-Down
J11
PDWN
Full Power-Down
K12
SCLK
Serial Clock
J12
SDIO
Serial Data Input/Output
H12
CSB
Chip Select Bar
B9
LG-A
LNA Ground for Channel A
A9
LI-A
LNA Analog Input for Channel A
D9
LOSW-A
LNA Analog Switched Output for Channel A
C9
LO-A
LNA Analog Inverted Output for Channel A


Similar Part No. - AD9278

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9271 AD-AD9271 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271-50EBZ AD-AD9271-50EBZ Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9271BSVZ-25 AD-AD9271BSVZ-25 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9271BSVZ-25 AD-AD9271BSVZ-25 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
More results

Similar Description - AD9278

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9276 AD-AD9276 Datasheet
1,022Kb / 48P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Rev. 0
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com