Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FFB5551 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FFB5551
Description  Dual-Chip NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, June 2003
Absolute Maximum Ratings* T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
160
V
VCBO
Collector-Base Voltage
180
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current
- Continuous
200
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 1.0mA, IB = 0
160
V
V(BR)CBO
Collector-Base BreakdownVoltage
IC = 100µA, IE = 0
180
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
6.0
V
ICBO
Collector Cut-off Current
VCB = 120V, IE = 0
VCB = 120V, IE = 0, TA = 100°C
50
50
nA
µA
IEBO
Emitter Cut-off Current
VEB = 4.0V, IC = 0
50
nA
On Characteristics *
hFE
DC Current Gain
VCE = 5.0V, IC = 1.0mA
VCE = 5.0V, IC = 10mA
VCE = 5.0V, IC = 50mA
80
80
30
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
0.15
0.20
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
1.0
1.0
V
Small Signal Characteristics
fT
Current gain Bandwidth Product
VCE = 10V, IC = 10mA
f = 100MHz
100
300
MHz
Cobo
Output Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
6.0
pF
FFB5551
Dual-Chip NPN General Purpose Amplifier
• This device is deisgned for general purpose high voltage amplifiers.
• E1 is Pin 1.
E1
B1
C2
C1
B2
E2
SC70-6
Mark: .P1




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
MMBT4401NPN General Purpose Amplifier 1 2 3 Micro Commercial Components
NTE46Silicon NPN Transistor Darlington General Purpose Amplifier Preamp Driver 1 2 NTE Electronics
MPS6515NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
HN1C01FUNPN EPITAXIAL TYPE AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
MMBT5550NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2N3946NPN Small Signal General Purpose Amplifier & Switch 1 2 3 4 5 MoreFairchild Semiconductor
BC547NPN General Purpose Amplifier 1 2 Fairchild Semiconductor
BCW66GNPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MPSA05NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl