Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD671015B Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD671015B
Description  Dual SCR/Diode Isolated Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD671015B Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD671015B Datasheet HTML 1Page - Powerex Power Semiconductors CD671015B Datasheet HTML 2Page - Powerex Power Semiconductors CD671015B Datasheet HTML 3Page - Powerex Power Semiconductors CD671015B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
150 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD62__15B
CD67__15B
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1600V, TJ=125°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=125°C
50
mA
Peak On-State Voltage
VTM / VFM
ITM / IFM =500A
1.6
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x πIT(AV) to πIT(AV)
0.85
1.5
V
m
Ω
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=125°C, Gate Open
1000
V/µs
Turn-Off Time (Typical)
t off
TJ = 125°C, IT= 300A, Rgk = 100Ω
Vr = 50V, -dI/dt=15 A/µs
Re-Applied dV/dt = 20V/µs,
Linear to 2/3 VDRM
50 - 200
(Typical)
µs
Gate Trigger Current
IGT
Tj= 25°C, VD=6V, Ra=1Ω Resistive Load
150
mA
Gate Trigger Voltage
VGT
Tj= 25°C, VD=6V, Ra=1Ω, Resistive Load
2.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.25
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
10
mA
Holding Current
IH
TJ=25°C
150
(Typical)
mA
Latching Current
IL
TJ=25°C
300
(Typical)
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.085
0.17
°C/W
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.05
°C/W
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


Similar Part No. - CD671015B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD671215A POWEREX-CD671215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
CD671415A POWEREX-CD671415A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
CD671615A POWEREX-CD671615A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
More results

Similar Description - CD671015B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
   Dual SCR/Diode Isolated Module
LD421843 POWEREX-LD421843 Datasheet
354Kb / 5P
   Dual SCR/Diode Isolated Module
CD420890B POWEREX-CD420890B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
ND420821 POWEREX-ND420821 Datasheet
140Kb / 4P
   Dual SCR/Diode Isolated Module
PD421207 POWEREX-PD421207_12 Datasheet
376Kb / 5P
   Dual SCR / Diode Isolated Module
ND420625 POWEREX-ND420625_12 Datasheet
144Kb / 5P
   Dual SCR/Diode Isolated Module
CD420890C POWEREX-CD420890C Datasheet
461Kb / 4P
   Dual SCR/Diode Isolated Module
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
   Dual SCR Isolated Module
ND430625 POWEREX-ND430625_12 Datasheet
144Kb / 5P
   Dual SCR Isolated Module
CD430890B POWEREX-CD430890B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com