Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C1377-48 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C1377-48
Description  2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1377-48 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C1377-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1377-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1377-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1377-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1377-48 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Outer Conductor Diameter
0.086 in [2.18 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
2.92mm Male
2.92mm Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper
Contact Plating Specification
50µ in. minimum
50µ in. minimum
Dielectric Type
Ultem 1000
Ultem 1000
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Hex Size
5/16 Inch
5/16 Inch
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
.
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3C1377LF-48. Contact Pasternack if product cannot be found.
Plotted and Other Data
Notes:
PE3C1377-48 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax PE3C1377-48
RF Cable Assemblies Technical Data Sheet
PE3C1377-48
2.92mm Male to 2.92mm Male Cable 48 Inch
Length Using PE-SR405FL Coax


Similar Part No. - PE3C1377-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1377-12 PASTERNACK-PE3C1377-12 Datasheet
843Kb / 5P
   2.92mm Male to 2.92mm Male Cable 12 Inch Length Using PE-SR405FL Coax
PE3C1377-18 PASTERNACK-PE3C1377-18 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 18 Inch Length Using PE-SR405FL Coax
PE3C1377-24 PASTERNACK-PE3C1377-24 Datasheet
843Kb / 5P
   2.92mm Male to 2.92mm Male Cable 24 InchLength Using PE-SR405FL Coax
PE3C1377-36 PASTERNACK-PE3C1377-36 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 36 Inch Length Using PE-SR405FL Coax
PE3C1377-6 PASTERNACK-PE3C1377-6 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 6 Inch Length Using PE-SR405FL Coax
More results

Similar Description - PE3C1377-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1377LF-48 PASTERNACK-PE3C1377LF-48 Datasheet
845Kb / 5P
   2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax, RoHS
PE3C1377-6 PASTERNACK-PE3C1377-6 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 6 Inch Length Using PE-SR405FL Coax
PE3C1377-12 PASTERNACK-PE3C1377-12 Datasheet
843Kb / 5P
   2.92mm Male to 2.92mm Male Cable 12 Inch Length Using PE-SR405FL Coax
PE3C1377-18 PASTERNACK-PE3C1377-18 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 18 Inch Length Using PE-SR405FL Coax
PE3C1377-36 PASTERNACK-PE3C1377-36 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 36 Inch Length Using PE-SR405FL Coax
PE3C1377-60 PASTERNACK-PE3C1377-60 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 60 Inch Length Using PE-SR405FL Coax
PE3C1377 PASTERNACK-PE3C1377 Datasheet
843Kb / 5P
   2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax
PE3C1377LF-60 PASTERNACK-PE3C1377LF-60 Datasheet
845Kb / 5P
   2.92mm Male to 2.92mm Male Cable 60 Inch Length Using PE-SR405FL Coax, RoHS
PE3C1377LF-12 PASTERNACK-PE3C1377LF-12 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE3C1377LF-24 PASTERNACK-PE3C1377LF-24 Datasheet
844Kb / 5P
   2.92mm Male to 2.92mm Male Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com