Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1012UFDF-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP1012UFDF-13
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1012UFDF-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP1012UFDF-13 Datasheet HTML 1Page - Diodes Incorporated DMP1012UFDF-13 Datasheet HTML 2Page - Diodes Incorporated DMP1012UFDF-13 Datasheet HTML 3Page - Diodes Incorporated DMP1012UFDF-13 Datasheet HTML 4Page - Diodes Incorporated DMP1012UFDF-13 Datasheet HTML 5Page - Diodes Incorporated DMP1012UFDF-13 Datasheet HTML 6Page - Diodes Incorporated DMP1012UFDF-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP1012UFDF
Datasheet number: DS37039 Rev. 2 - 2
4 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMP1012UFDF
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = -2.5V, ID = -4A
V
GS = -4.5V, ID = -5A
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 125
oC
T
A = 85
oC
T
A = 25
oC
T
A = -55
oC
V
GS = 0V
T
A = 150
oC
100
1000
10000
0
2
4
6
8
10
12
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
0
10
20
30
Q
g (nC)
Figure 11. Gate Charge
V
DS = -6V, ID = -10A
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10s
P
W =10ms
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 150℃
T
C = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS= -4.5V
P
W =1s
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junciton
Temperature
I
D = -250μA
I
D = -1mA


Similar Part No. - DMP1012UFDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9-7 DIODES-DMP1012UCB9-7 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9_15 Datasheet
237Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1012USS-13 DIODES-DMP1012USS-13 Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
More results

Similar Description - DMP1012UFDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1245UFCL DIODES-DMP1245UFCL Datasheet
219Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com