Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1022UFDE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP1022UFDE
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1022UFDE Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP1022UFDE_17 Datasheet HTML 1Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 2Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 3Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 4Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 5Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 6Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 7Page - Diodes Incorporated DMP1022UFDE_17 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMP1022UFDE
Datasheet number: DS35477 Rev. 12 - 3
4 of 8
www.diodes.com
October 2017
© Diodes Incorporated
DMP1022UFDE
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100祍
W
P
= 10 s
W
µ
0
10
20
30
40
50
60
70
80
90
100
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
0.001 0.01
0.1
1
10
100
1,000
0.0001
Single Pulse
R
= 61 C/W
R
= r
* R
T - T = P * R

JA
JA(t)
(t)
JA
J
A
JA(t)
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIMES (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
R
(t)=r(t) * R

JA
JA
R
=61癈 /W
Duty Cycle, D=t1/ t2
JA
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
100µs
61°C/W
t1, PULSE DURATION TIME (sec)
NOT RECOMMENDED FOR NEW DESIGN
USE DMP1005UFDF


Similar Part No. - DMP1022UFDE_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1022UFDE_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
   12V P-Channel Enhancement-Mode MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1245UFCL DIODES-DMP1245UFCL Datasheet
219Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com