Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1012UFDF-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP1012UFDF-7
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1012UFDF-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP1012UFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMP1012UFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMP1012UFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMP1012UFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMP1012UFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMP1012UFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMP1012UFDF-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP1012UFDF
Datasheet number: DS37039 Rev. 2 - 2
6 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMP1012UFDF
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-6 (Type F)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-6 (Type F)
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
0.480
X2
0.950
X3
1.700
Y
0.425
Y1
0.800
Y2
1.150
Y3
1.450
Y4
2.300
Pin1
Y4
Y2
Y
X
C
X3
Y1
X1
X2
Y3
U-DFN2020-6
(Type F)
Dim
Min
Max
Typ
A
0.57
 0.63
0.60
A1
0.00
0.05
0.03
A3
-
-
0.15
b
0.25
0.35
0.30
D
1.95
2.05
2.00
D2
0.85
1.05
0.95
D2a
0.33
0.43
0.38
E
1.95
2.05
2.00
E2
1.05
1.25
1.15
E2a
0.65
0.75
0.70
e
0.65 BSC
e2
0.863 BSC
e3
0.70 BSC
e4
0.325 BSC
k
0.37 BSC
k1
0.15 BSC
k2
0.36 BSC
L
0.225 0.325
0.275
z
0.20 BSC
z1
0.110 BSC
z2
0.20 BSC
All Dimensions in mm
D
D2
E
e
b
L
E2
A
A3
Seating Plane
A1
z(4x)
e2
E2a
D2a
z1
e3
e4
k2
k
k1
z2


Similar Part No. - DMP1012UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9-7 DIODES-DMP1012UCB9-7 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9_15 Datasheet
237Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1012USS-13 DIODES-DMP1012USS-13 Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
More results

Similar Description - DMP1012UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1245UFCL DIODES-DMP1245UFCL Datasheet
219Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com