Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1005UFDF-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP1005UFDF-13
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1005UFDF-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP1005UFDF-13 Datasheet HTML 1Page - Diodes Incorporated DMP1005UFDF-13 Datasheet HTML 2Page - Diodes Incorporated DMP1005UFDF-13 Datasheet HTML 3Page - Diodes Incorporated DMP1005UFDF-13 Datasheet HTML 4Page - Diodes Incorporated DMP1005UFDF-13 Datasheet HTML 5Page - Diodes Incorporated DMP1005UFDF-13 Datasheet HTML 6Page - Diodes Incorporated DMP1005UFDF-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMP1005UFDF
Document number: DS38752 Rev. 2 -2
3 of 7
www.diodes.com
January 2017
© Diodes Incorporated
DMP1005UFDF
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = -0.9V
V
GS = -1.0V
V
GS = -1.5V
V
GS = -4.5V
V
GS = -3.0V
V
GS=-2.0V
V
GS = -1.8V
V
GS = -2.5V
V
GS = -8.0V
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0
2
4
6
8
10
12
14
16
18
20
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = -4.5V
V
GS = -1.8V
V
GS = -2.5V
0
0.005
0.01
0.015
0.02
0.025
0.03
0
1
2
3
4
5
6
7
8
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = -5.0A
0
0.002
0.004
0.006
0.008
0.01
0.012
0
5
10
15
20
ID, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
TJ =-55℃
TJ =25℃
TJ =85℃
TJ =150℃
TJ =125℃
V
GS = -4.5V
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = -1.8V, ID = -2A
V
GS = -4.5V, ID = -5A
0
5
10
15
20
0
0.5
1
1.5
2
VGS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = -5V
TJ = -55℃
TJ = 25℃
TJ = 85℃
TJ = 125℃
TJ = 150℃


Similar Part No. - DMP1005UFDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1009UFDF DIODES-DMP1009UFDF Datasheet
335Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1009UFDF-13 DIODES-DMP1009UFDF-13 Datasheet
335Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1009UFDF-7 DIODES-DMP1009UFDF-7 Datasheet
335Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1005UFDF-13

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com