Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1141A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MC1141A
Description  Advanced Microstepping Motion Control Chipset
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC1141A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MC1141A Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1141A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
3
Product Family Overview
MC1401 series
MC1231 series
MC1241 series
MC1451 series
# of axes
4, 2, or 1
2 or 1
2 or 1
4, 2, or 1
Motors Supported
DC Servo
Brushless Servo
Stepper
Stepper
Encoder Format
Incremental (no dash version)
and Parallel ('-P' version)
Incremental
Incremental
Incremental (-E version)
Output Format
DC servo
Sinusoidally
commutated
Microstepping
Pulse and Direction
S-curve profiling
Yes
Yes
Yes
Yes
Electronic gearing
Yes
Yes
Yes
Yes
On-the-fly changes
Yes
Yes
Yes
Yes
Limit switches
Yes
Yes
Yes
Yes
PID & feedforward
Yes
Yes
-
-
PWM output
Yes
Yes
Yes
-
DAC-compatible output
Yes
Yes
Yes
-
Pulse & direction output
--
-
Yes
Index & Home signal
Yes
Yes
Yes
Yes (-E version)
Chipset p/n's
MC1401A, MC1401A-P (4 axes)
MC1201A, MC1201A-P (2 axes)
MC1101A, MC1101A-P (1 axis)
MC1231A (2 axes)
MC1131A (1 axis)
MC1241A (2 axes)
MC1141A (1 axis)
MC1451A, MC1451A-E (4 axes)
MC1251A, MC1251A-E (2 axes)
MC1151A, MC1151A-E (1 axis)
Developer's Kit p/n's:
DK1401A, DK1401A-P
DK1231A
DK1241A
DK1451A
Introduction
This manual describes the operational characteristics of the MC1241A
and MC1141A Motion Processors. These devices are members of
PMD's 1st generation motion processor family, which consists of 16
separate products organized into four groups.
Each of these devices are complete chip-based motion controllers.
They provide trajectory generation and related motion control functions.
Depending on the type of motor controlled they provide servo loop
closure, on-board commutation for brushless motors, and high speed
pulse and direction outputs. Together these products provide a
software-compatible family of dedicated motion processor chips which
can handle a large variety of system configurations.
Each of these chips utilize a similar architecture, consisting of a high-
speed DSP (Digital Signal Processor) computation unit , along with an
ASIC (Application Specific Integrated Circuit). The computation unit
contains special on-board hardware such as a multiply instruction that
makes it well suited for the task of motion control.
Along with a similar hardware architecture these chips also share most
software commands, so that software written for one chipset may be re-
used with another, even though the type of motor may be different.
This manual describes the operation of the MC1241A and
MC1141A chipsets. For technical details on other members of
PMD's 1st generation motion processors see the corresponding
product manual.
Family Summary
MC1401 series (MC1401A, MC1201A, MC1101A, MC1401A-P,
MC1201A-P, MC1101A-P) - These chipsets take in incremental
encoder signals (standard version) or parallel word encoder signals
(-P version) and output a motor command in either PWM or DAC-
compatible format. These chipsets come in 1, 2 or 4 axis versions
and can be used with DC brushed motors, or brushless motors using
external commutation.
MC1231 series (MC1231A, MC1131A) - These chipsets take in
incremental quadrature encoder signals and output sinusoidally
commutated motor signals appropriate for driving brushless motors.
They are available in one or two axis versions. Depending on the
motor type they output two or three phased signals per axis in either
PWM or DAC-compatible format.
MC1241 series (MC1241A, MC1141A) - These chipsets provide
internal microstepping generation for stepping motors. They are
available in a one or a two-axis version. Two phased signals are
output per axis in either PWM or DAC-compatible format. An
incremental encoder signal can be input to confirm motor position.
MC1451 series (MC1451A, MC1251A, MC1151A, MC1451A-E,
MC1251A-E, MC1151A-E) - These chipsets provide very high speed
pulse and direction signal output appropriate for driving step motor-
based systems. They are available in a one, two, or four-axis version
and are also available with quadrature encoder input.
Each of these chipsets has an associated Chipset Developer's
Kit available for it. For more information contact your PMD
representative.


Similar Part No. - MC1141A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1141A ETC-MC1141A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
More results

Similar Description - MC1141A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
ST10-C-CN ETC2-ST10-C-CN Datasheet
931Kb / 8P
   DC CANopen Advanced Microstepping Drive
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
   Motion Control Applications
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
   Motion Control Applications
2017-04-27
logo
STMicroelectronics
L6482 STMICROELECTRONICS-L6482 Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
   Motion analysis and control
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com