Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C1239 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3C1239
Description  SMA Female to SMA Female Low Loss Cable Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1239 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3C1239 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1239 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1239 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1239 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1239 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE3C1239 REV 1.0
SMA Female to SMA Female Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C1239 CAD Drawing


Similar Part No. - PE3C1239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1239-100CM PASTERNACK-PE3C1239-100CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-12 PASTERNACK-PE3C1239-12 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1239-150CM PASTERNACK-PE3C1239-150CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-200CM PASTERNACK-PE3C1239-200CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-24 PASTERNACK-PE3C1239-24 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C1239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE340 PASTERNACK-PE340 Datasheet
348Kb / 4P
   SMA Male to SMA Female Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE3C1239-60 PASTERNACK-PE3C1239-60 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 60 Inch Length Using PE-P142LL Coax, RoHS
PE3C1239-36 PASTERNACK-PE3C1239-36 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 36 Inch Length Using PE-P142LL Coax, RoHS
PE3C1239-150CM PASTERNACK-PE3C1239-150CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-200CM PASTERNACK-PE3C1239-200CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-24 PASTERNACK-PE3C1239-24 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159 PASTERNACK-PE3C3159 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C1239-100CM PASTERNACK-PE3C1239-100CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-48 PASTERNACK-PE3C1239-48 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 48 Inch Length Using PE-P142LL Coax, RoHS
PE3C1239-12 PASTERNACK-PE3C1239-12 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com