Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C1173-150CM Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C1173-150CM
Description  SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1173-150CM Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C1173-150CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1173-150CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1173-150CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1173-150CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1173-150CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C1173
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C1173-12 = 12 inches long cable
PE3C1173-100cm = 100 cm long cable
SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-
P142LL Coax, RoHS PE3C1173-150CM
URL: https://www.pasternack.com/sma-male-tnc-female-pe-p142ll-cable-assembly-pe3c1173-150cm-p.aspx
PE3C1173-150CM REV 1.0
RF Cable Assemblies Technical Data Sheet
SMA Male Right Angle to TNC Female Bulkhead Low Loss
Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-150CM


Similar Part No. - PE3C1173-150CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1173-100CM PASTERNACK-PE3C1173-100CM Datasheet
470Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-12 PASTERNACK-PE3C1173-12 Datasheet
481Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low LossCable 12 Inch Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C1173-150CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C3205-150CM PASTERNACK-PE3C3205-150CM Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C2180-150CM PASTERNACK-PE3C2180-150CM Datasheet
419Kb / 5P
   TNC Female Bulkhead to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1179-150CM PASTERNACK-PE3C1179-150CM Datasheet
1Mb / 5P
   SMA Male Right Angle to TNC Male Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C0780-150CM PASTERNACK-PE3C0780-150CM Datasheet
1Mb / 5P
   SMA Male to TNC Male Right Angle Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-200CM PASTERNACK-PE3C1173-200CM Datasheet
493Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-100CM PASTERNACK-PE3C1173-100CM Datasheet
470Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE348-150CM PASTERNACK-PE348-150CM Datasheet
355Kb / 4P
   TNC Male to TNC Female Bulkhead Low Loss Test Cable 150 CM Length Using PE-P142LL Coax, RoHS
PE3C2276-150CM PASTERNACK-PE3C2276-150CM Datasheet
418Kb / 5P
   N Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C0847-150CM PASTERNACK-PE3C0847-150CM Datasheet
400Kb / 5P
   SMA Male to TNC Male Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com