Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 53 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 53 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
Maxim Integrated │ 53
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
GPIO Operations
The gpio commands are for controlling or reading the status of the general purpose I/O lines which are used to drive or
are connected to pins on the MAX5868 evaluation board. The resetb operation is active-low signal, using the -y flag will
reset the DAC, using the -n flag will disable reset. The mute operation is an active-high signal, using the -y flag will mute
the DAC, using the -n flag will unmute the DAC. The intb line is connected to the active-low interrupt pin of the DAC, using
the intb operation will read the status of the INTB pin. The altb line is connected to the alarm (alert) pin of the MAX6654,
using the altb operation will read the status of the ALARMB pin of the temperature sensor.
Init Command
The init command is used to initiate communication with the FPGA.
Quit Command
The quite command closes communication with the FPGA.
COMMAND
SYNTAX
EXAMPLES
gpio resetb
[-y|-n]
gpio restb -y
gpio mute
[-y|-n]
gpio mute -n
gpio intb
gpio intb
gpio altb
gpio altb
gpio spisel
[-y|-n|read]
gpio spisel -y
gpio extdiv
[-y|-n|write|read] [value]
gpio extdiv write 7
gpio pok
[-y|-n|read]
gpio pok read
ARGUMENTS / FLAGS
DESCRIPTION
[-y|-n]
Set (-y) or clear (-n) the appropriate line
[read]
Read the current state of the control
[write]
Write a new value
[value]
extdiv is stored as a 3-bit value, value must be in the range of 0 to 7 decimal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn