Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 52 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 52 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Maxim Integrated │ 52
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
selmmcmclk
The selmmcmclk command configures the bus width for the data interface between the MAX5868 and the VC707. Both
the MAX5868 and the VC707 settings will be modified when changing between modes.
After the proper number of bytes has been received or sent, an ACK will be returned.
spi Operations
The spi commands are for reading and writing to the SPI bus which interfaces to the MAX5868. The read operation will
receive one byte from a given register address. Similarly, the write operation will transmit a single byte to a given register
address.
After the proper number of bytes has been received or sent, an ACK will be returned.
m2870_spi Operations
Just like the spi command, m2870_spi commands are for reading and writing to the SPI bus, but target communications
with the MAX2871 installed on the Input Clock Module. Command syntax is identical to the spi command.
COMMAND
SYNTAX
EXAMPLES
selmmcmclk
[fDAC-in-MHz] [inter-
pol_ratio] [mode]
Selmmcmclk 4915.2 8 word
ARGUMENTS / FLAGS
DESCRIPTION
[fDAC-in-MHz]
The frequency of the DAC clock
[Interpol_ratio]
The interpolation rate set in the MAX5868
[mode]
The bus width mode setting – word, byte or nibble
COMMAND
SYNTAX
EXAMPLES
spi read
[address]
spi read 0x00
read the contents of the MAX5868 regis-
ter 0)
i2c write
[address] [byte]
spi write 0x00 0x28
(write the value 0x28 to register 0 of
the MAX5868
ARGUMENTS / FLAGS
DESCRIPTION
[address]
Register Address to read from or write to, in any format that strtoul will parse
[byte]
8 bit value in an format that strtoul will parse


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn