Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 51 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 51 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
Maxim Integrated │ 51
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
Play Operations
The play commands are for configuring, starting, and stopping the play/TX DMA channel.
The buffer operation allows the user to configure the base address or starting address, and length of the play buffer. The
base address must start on a 64-byte alignment and be a multiple of 512 bytes. The TX DMA engine must be stopped
before using this command. The dumpregs operation will print the play channel registers, effectively dumping the con-
tents of the TX DMA engine.
The start operation will begin the play channel or start the TX DMA engine. The play buffer command must be used first
to define the buffer. The stop operation will close the play channel or stop the TX DMA engine.
Ping Command
The ping command is a non-operation which simply returns an ACK from the system.
Baudrate Command
The baudrate command sets the communication rate for the UART interface.
setIQmsbfirst
The setIQmsbfirst command will configure the MAX5868 to internally operate in MSB first mode.
After the proper number of bytes has been received or sent, an ACK will be returned.
setmode
The setmode command configures the bus width for the data interface between the MAX5868 and the VC707. Both the
MAX5868 and the VC707 settings will be modified when changing between modes.
After the proper number of bytes has been received or sent, an ACK will be returned.
COMMAND
SYNTAX
EXAMPLES
play buffer
[adr] [num bytes]
play buffer 0x400 512
play start
play start
play stop
play stop
play reset
play reset
ARGUMENTS / FLAGS
DESCRIPTION
[adr]
Address to read from or write to, in any format that strtoul will parse
[num bytes]
Number of bytes to read or write in multiples of 512
COMMAND
SYNTAX
EXAMPLES
setIQmsbfirst
[-y/-n]
-y : set MSB first
-n : set MSB last
COMMAND
SYNTAX
EXAMPLES
setmode
[word|byte|nibble]
setmode word : use 16-bit bus
setmode byte : use 8-bit bus
setmode nibble : use 4-bit bus


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn