Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 50 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 50 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Maxim Integrated │ 50
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
I2C Operations
The I2C commands are for reading and writing to the I2C bus which only interfaces to the MAX6654 temperature monitor.
The read operation will receive one byte from a given register address whereas the read multiple bytes will receive N
bytes from the registers starting at the base address provided. The write operation will transmit a single byte to a given
register address whereas the write multiple bytes operation will transmit N bytes to the registers starting at the address
provided.
After the proper number of bytes has been received or sent, an ACK will be returned.
COMMAND
SYNTAX
EXAMPLES
i2c read
[slave-adr] [reg-adr] [Num Bytes]
i2c read 0x08 0x00 8
(read 8 bytes from device address 0x80,
starting at register 0)
i2c write
[slave-adr] [reg-adr] [byte 1]
[byte 2]… [byte N]
i2c write 0x08 0x00 0x10 0x20(write 2
bytes (0x10 and 0x20) to device address
0x80, starting at register 0)
i2c recv
[slave-adr] [reg-adr]
[Num Bytes]
i2c recv 0x08 0x00 24
(receive 24 bytes from device address
0x80, starting at register 0)
i2c send
[slave-adr] [reg-adr]
[command-byte]
i2c send 0x80 0x00
(write the byte command 0x00 to device
address 0x80)
ARGUMENTS / FLAGS
DESCRIPTION
[slave-adr]
I2C Device Address to read from or write to, in any format that strtoul will parse
[reg-adr]
Device Register Address to read from or write to, in any format that strtoul will parse
[N bytes]
Number of bytes to read or write in multiples of 4
[byte]
8 bit value in an format that strtoul will parse


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn