Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 47 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 47 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Maxim Integrated │ 47
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
Installing Unsigned Drivers on Windows 10
1) Press the
Win + C and click on PC settings.
2) Switch over to the
Update & recovery section.
3) Click on the
Recovery option on the left-hand side.
4) Once selected, an advanced startup section appears
on the right-hand side. Click on the
Restart now
button.
5) Once the computer has rebooted, choose the
Troubleshoot option.
6) Go to
Advanced options.
7) Then
Startup Settings.
8) Since boot time configuration settings are being
modified, restart the computer.
9) Here a list of modifiable startup settings is provided.
The applicable option is
Disable driver signature
enforcement. To choose the setting, press the F7
key.
10) The Windows operating system will now boot and
the user will be able to install the unsigned driver.
NOTE: Driver Signature Enforcement will be reactivated
upon the next boot cycle.
Appendix II – Interface Commands
List of VC707 Control Commands
COMMAND
DESCRIPTION
help
Prints help. Use -a flag for all commands. Try “help -a” now!
usb
Read or write DDR memory with USB bulk transfer
reg
Perform a reg read or reg write operation
i2c
Perform and I2C Read or I2C write
play
Manage play DMA channel
ping
Should return #ACK
baudrate
Set the baud rate (obsolete?)
setIQmsbfirst
Select MSB or LSB first
setmode
Select Word, Byte or Nibble data mode
selrefclk
Select the reference clock source
Setmmcmclk
Configure MMCM based on fDAC and interpolation rate
spi
Perform an SPI read or SPI write operation
m2870_spi
Perform a SPI read or write operation with the MAX2871
gpio
Perform an GPIO read or GPIO write operation
init
Initialization
quit
Quits this program


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn