Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX5868EVKIT Datasheet(PDF) 46 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 46 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Maxim Integrated │ 46
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
Xilinx Drivers Installation
After the LabTools have been installed on a PC, the VC707 USB interface drivers need to be installed to access the
JTAG port.
1) Browse to the Xilinx folder created during the installation of LabTools:
C:\Xilinx\14.7\LabTools\LabTools\bin\nt (or \nt64)
2) Execute the
install_drivers.exe application
3) A Command Prompt window may briefly flash, and
a message may appear stating “This program might
not have installed correctly”, click on
This program
installed correctly to continue.
After these drivers are installed the JTAG port on the
VC707 will be registered to the PC’s Device Manager.
Silicon Labs Driver Installation
This driver is needed to properly interface to the USB 2.0
bulk port on the VC707. This port provides fast, bulk data
transfers stored in the DDR and used to generate DAC
data patterns. The USB 2.0 port is also used to control
the FPGA and as a pass-through control port for the
MAX5868 SPI.
A
\USB_MS_Bulk_Transfer folder can be found on the
flash drive and is also created during the MAX5868 EV
kit software installation. This contains the
libusb-win32
devices driver for the bulk port. Since the VC707 does
not inherently use the USB 2.0 (ULPI) port, this driver can
only be installed after the
.bit file has been programmed
into the Virtex FPGA.
Alternatively, the driver and instructions for installation
can be downloaded from the SiLabs web site: www.silabs.
com. When extracting the files from a downloaded copy,
it is recommended the user “extract all files” in order
to properly install the driver required for operating the
VC707.
Removal/Uninstallation of the
MAX5868 EV Kit Software
For the MAX5868 EV kit software to fully operate with the
Xilinx VC707 FPGA platform, software and drivers need
to be installed on the target PC. It is highly recommended
that the PC be connected to a local area network and
have access to the Internet, this will allow for automatic
download and updates of some drivers. This process may
take
30 minutes or more to complete.
Upgrading/Updating the
MAX5868 EV Kit Software
Occasionally upgrades or updates may be available for
the MAX5868EVKIT GUI software. Be sure to check the
Maxim website from time-to-time for information on the
MAX5868 evaluation system. Applying upgraded software
may require the removal of previous versions.
This document was written based on Revision 1.0.1
(Jul 2017) of the
MAX5868 RF DAC EV Kit Software.
Figure A1-5. Driver Installation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn