Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX5868EVKIT Datasheet(PDF) 26 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 26 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Maxim Integrated │ 26
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
PART
QTY
DESCRIPTION
J5
1
CONNECTOR; MALE; SMT; HIGH
SPEED/HIGH DENSITY OPEN
PIN FIELD TERMINAL ARRAY;
STRAIGHT; 400PINS
J10
1
CONNECTOR; MALE; THROUGH
HOLE; BREAKAWAY;
STRAIGHT; 6PINS
JU2-JU5
4
CONNECTOR; MALE; THROUGH
HOLE; BREAKAWAY; STRAIGHT;
2PINS
L1-L5
5
INDUCTOR; SMT (1812);
FERRITE-BEAD; 120;
TOL = ±25%; 3A
L6, L7,
L1000,
L1001
4
INDUCTOR; SMT (0603);
FERRITE-BEAD; 28;
TOL = ±25%; 4A
L8, L9
2
INDUCTOR; SMT (1008);
CERAMIC CHIP; 2.2µH; TOL = ±5%;
0.28A; -40°C TO +125°C
MODULE1
1
EV KIT MODULE, MAXPLLCLK_
MODULE
PACKOUT PART
MODULE2
1
EVKIT PART-MODULE;
MAXXFMROUT_OPT1#;
RFDAC_XFMROUT_OPT1_EVKIT_A;
PACKOUT PART
N2-N4
3
TRAN; ; NCH; SOT-23; PD-(0.33W);
IC-(0.5A); VCEO-(60V)
R1
1
RESISTOR; 0603; 499Ω; 1%;
100PPM; 0.10W; THICK FILM
R2, R3, R19,
R25, R26,
R28, R43
7
RESISTOR; 0603; 100Ω; 1%;
100PPM; 0.10W; THICK FILM
R4, R5,
R21-R23,
R27, R29,
R34-R36,
R41,
R1003-
R1005
14
RESISTOR; 0603; 10K OHM; 5%;
200PPM; 0.10W; THICK FILM
R6, R7,
R9, R15
4
RESISTOR; 0603; 4.02K; 1%;
100PPM; 0.10W; THICK FILM
PART
QTY
DESCRIPTION
R8, R14
2
RESISTOR; 0603; 10.5KΩ; 1%;
100PPM; 0.063W; THICK FILM
R17, R33,
R46
3
RESISTOR; 0603; 0Ω; 5%;
JUMPER; 0.10W; THICK FILM
R20
1
RESISTOR; 0603; 1.27KΩ; 0.1%;
25PPM; 0.10W; THIN FILM
R24
1
RESISTOR; 0603; 47Ω; 5%;
200PPM; 0.10W; THICK FILM
R1001
1
RESISTOR; 0603; 1KΩ; 5%;
200PPM; 0.10W; THICK FILM
R1002
1
RESISTOR, 0603, 12KΩ, 1%,
100PPM, 0.10W, THICK FILM
R1006
1
RESISTOR; 0603; 2.2KΩ; 5%;
200PPM; 0.10W; THICK FILM
SU2-SU5,
SU10,
SU12
6
TEST POINT; JUMPER; STR;
TOTAL LENGTH = 0.256IN; BLACK;
INSULATION = PBT CONTACT =
PHOSPHOR BRONZE;
COPPER PLATED TIN OVERALL
SW1, SW2
2
SWITCH; SPST; SMT; 24V; 0.05A;
NORMALLY OPEN-SURFACE
MOUNT TACTILE SWITCH;
RCOIL = Ω
U1
1
IC; RFDAC; 16-BIT; 5GSPS
INTERPOLATING AND MODULATING
RF DAC;
CSBGA144 10X10
U2, U9,
U12
3
IC; VREG; 0.2V DROPOUT LDO
REGULATOR; TSSOP14-EP
U3, U6,
U8, U14,
U16
5
IC; TXRX; 4-BIT DUAL-SUPPLY
BUS TRANSCEIVER WITH
CONFIGURABLE
VOLTAGE TRANSLATION AND
3-STATE OUTPUT; TSSOP16
U4
1
IC; VREF; LOW-COST;
MICROPOWER; PRECISION;
3-TERMINAL; 1.2V VOLTAGE-
REFERENCE; SOT23-3
MAX5868 EV Kit Bill of Materials (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn