Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 16 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Maxim Integrated │ 16
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
All jumpers and switches on VC707 should be used
in its default configuration for normal operation of the
MAX5868EVKIT software. Occasionally jumpers may
have been changed during use with other systems, so it is
recommended the user confirm jumper J44 (near the USB
2.0 port) be connected 1-2, as in Figure 15a. Likewise,
the user should confirm that Master BPI Programming
switch bank, SW11 (near the FPGA and LCD display) be
set to 00010 as in Figure 15b.
Programming the EEPROM
Rather than programming the FPGA after each power
cycle of the VC707, the on-board flash memory can be
used to store the default RTL for the MAX5868 evaluation
system. Once the EEPROM has been programmed, the
USB cable connecting to the JTAG port (USB micro-B)
will no longer be necessary.
For more information on programming the VC707
EEPROM, see the VC707 FPGA Programming section in
the Detailed Description of Software.
Figure 15. VC707 Jumpers and Switches 15a – J44; 15b – SW11;
Table 3. VC707 LED Descriptions
LED
COLOR
STANDARD OPERATION
DESCRIPTION
0
Green
On
REFCLK MMCM locked
1
Green
On
FPGA system clock MMCM locked
2
Green
On
FPGA reset, active-low
3
Green
On
SPISEL - 1 when FPGA controlled
4
Green
On
DAC MUTE signal
5
Green
On
DAC RESETB signal, active-low
6
Green
Off
Serial FPGA clock alive
7
Green
On
FPGA core clock alive
15a
15b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn