Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 14 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Maxim Integrated │ 14
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
Figure 13. MAX5868EVKIT LEDs
Table 2. MAX5868 EV Kit LED Descriptions
LED
COLOR
DESCRIPTION
D1
Red
Normally Off; Temperature alert based on threshold setting in GUI
D5
Green
Normally On; Auxiliary 1.8V Power Indicator (U9 POK)
D2
Green
Normally On; DUT 1.0V Power Indicator (U12 POK)
D3
Green
Normally On; DUT 1.8V Power Indicator (U2 POK)
D4
Green
Normally On; Main MAX5868EVKIT 3.3V Power Indicator
D1 LOCKED
Green
Normally On; PLL Locked, MAX2871 LD Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn