Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 11 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Maxim Integrated │ 11
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
Loading a Pattern Manually
1) Click on the
VC707 & Setup tab of the GUI
2) Click on the
Load Pattern List button
3) Select a pattern file, for example:
TestLoadPatterns.txt.
4) Click on the pattern drop-down list.
5) Select a pattern, for example:
MAX5868_AnxB_8Ch_
fCent_299.002MHz_fs_3.072E+009_-12dB.
6) Click on the
Start Pattern button.
7) If the pattern is not visible on the spectrum analyzer,
check if the output is muted.
a. Click on the
Setup tab.
b. To unmute the device, click on the
Hardware
Mute switch.
Detailed Description
Detailed Description of Hardware
MAX5868 EV Kit Printed Circuit Board
The MAX5868 EV kit PCB is manufactured on a 10-layer,
1oz copper, FR4, and Rogers 4350B dielectric stack-up
PCB. Layers 2, 4, 6, and 9 are ground planes matched to
controlled impedance, 50Ω differential, high-speed traces
on the outer layers. All internal power planes (layers 5 and
7) and signal routing planes (layers 3 and 8) have copper
ground pours in the unused areas to provide additional
decoupling and to ease manufacturability.
Figure 8. MAX5868 Evaluation System Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn