Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5868EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Evaluates: MAX5868
MAX5868 Evaluation Kit
General Description
The MAX5868 evaluation kit (EV kit) contains a single
MAX5868 high-performance interpolating and modulating
16-Bit, 4.96Gsps digital-to-analog converter (DAC) which
can directly synthesize 500MHz of instantaneous band-
width from DC to frequencies greater than 2GHz. The
device is optimized for cable access and digital video
broadcast applications and meets spectral emission
requirements for a broad set of radio transmitters and
modulators, including EPoC, DVB-T, DVB-T2, DVB-C2,
ISDB-T, and DOCSIS 3.0/3.1. The MAX5868 EV kit provides
a complete system for evaluating performance of the
MAX5868 device, as well as development of a digital
video solution.
The MAX5868 employs a source-synchronous 16-bit
parallel LVDS data input interface. The input baseband
I and Q signals are time-interleaved on a single parallel
input port configured for double data rate clocking at up to
1240Mwps (620Mwps I and Q each). The device accepts
data in word (16 bit), byte (8 bit), or nibble (4 bit) modes.
The input data is aligned to the data clock supplied with
the data. An input FIFO decouples the timing of the input
interface from the DAC update clock domain. In addition,
a parity input and parity flag interrupt output are available
to ensure data integrity.
The MAX5868 EV kit also includes an on-board PLL-VCO
(MAX2871) that provides the DAC update clock signal,
CLKP/CLKN. The MAX5868EvkitSoftwareController pro-
vides all necessary controls to configure the MAX2871
for the desired DAC update rate from 100Msps to 5Gsps.
The EV kit includes Windows® 7/8/10-compatible
software that provides a simple graphical user interface
(GUI) for configuration of all the MAX5868 registers
through the SPI interface, control of the Xilinx VC707
FPGA data source board, and temperature monitoring.
319-100090; Rev 0; 10/17
Ordering Information appears at end of data sheet.
Windows is a registered trademark and registered service mark of Microsoft Corporation.
Xilinx is a registered trademark and registered service mark of Xilinx, Inc.
Features
● Evaluates the MAX5868 RF DAC Performance,
Capability, and Feature Set
● Single 3.3V Input Voltage Supply
● On-Board Clock Generation Module Employing
MAX2871 VCO/PLL
● Direct Interface with Xilinx® VC707 Data Source
Board
● Windows 7/8/10-Compatible Software
● Optional On-Board SPI Interface Control for the
MAX5868
● On-Board SMBus Interface Control for the MAX6654
Temperature Sensor
● Integrated GUI Controls for VC707 Operation
● Proven 10-Layer PCB Design
● Fully Assembled and Tested


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn