Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5868EVKIT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX5868EVKIT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5868EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
Install the MAX5868EVKIT Software
The MAX5868EVKIT Software Controller application
can be obtained from the
www.maximintegrated.com
website. Select the
DESIGN→DESIGN TOOLS menu
option in the upper-left corner of the page. A new
page will appear with several additional links. Under
the
Applications Software section, select the EV Kit
Software option. The next page will contain a listing of
all EVKIT software available for download. The page pro-
vides a simple filter to ease the users search. Select the
Digital-to-Analog Converters option if desired, then find
and download the MAX5868 RF DAC EV Kit Software.
It is strongly suggested to use the default installation path
(
c:\MaximIntegrated\MAX5868EVKIT). If an alternate
path is desired, it must NOT contain any spaces or the
Xilinx LabTools will not be accessed properly. This step
should take less than
10 minutes.
Setup and Connect the
MAX5868EVKIT Hardware
1) Install the two 1” stand-offs included with the
MAX5868 EV kit. Stand-offs should be installed on
the RF DAC output side of the board.
2) Verify all jumpers on the MAX5868 EV kit board are in
the default position; refer to Table 1.
3) Connect the MAX5868 EV kit board to the VC707
board using the FMC connector shown in Figure 1.
4) Connect the 3.3V/3A supply to the MAX5868 EV kit
and enable the supply’s output. Verify that the four
green LED board supply indicators are lit.
5) Turn on the VC707 by sliding switch SW12 to the
ON position. Verify ALL the LEDs on the VC707 are
momentarily lit; the GPIO LEDs should then begin
sequencing.
6) Make the USB connections, see Figure 1 for locations
a. Connect the USB A–micro B cable (JTAG) from
Xilinx VC707 Eval board to the PC.
b. Connect the USB A–mini B cable (Ctrl/Bulk) from
Xilinx VC707 Eval board to the PC.
Please ensure that all the required third-party software and
drivers are installed before proceeding to the next section.
Configure the MAX5868EVKIT
Graphical User Interface
A few items need to be configured during the first execution
of the GUI software.
1) Start the MAX5868 EV kit software. Double-click
on the desktop icon or the
MAX5868EVKIT
softwareController.exe executable located in the
C:\MaximIntegrated\MAX5868EVKIT
folder.
A
splash screen will be displayed while the USB
connections are established (Figure 2) followed by
the main application window.
Figure 2. Splash Screen
*Default jumper setting.
Table 1. MAX5868EVKIT Jumper Settings
JUMPERS
POSITION
EV KIT FUNCTION
JU1
Installed*
Normal Operation
JU4
Installed*
Power for U4 – MAX6161 –
external reference
Not Installed
MAX6161 NOT powered
JU5
Installed*
MAX5868 external reference
connected
Not Installed
MAX5868 using internal
reference
J4
1-2*
SPI control connected
through FPGA
2-3
SPI control connected to
on-board USB
J10
1-2*, 4-5*
SCL, SDA connected
through FPGA
2-3, 5-6
SCL, SDA connected to
on-board USB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn