Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR4D4060 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SR4D4060
Description  Force Guided Relay SR4 D/M
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR4D4060 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SR4D4060 Datasheet HTML 1Page - TE Connectivity Ltd SR4D4060 Datasheet HTML 2Page - TE Connectivity Ltd SR4D4060 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR4 D/M (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-25 to 70°C
Category of environmental Protection
IEC 61 810
RTIII
Weight
30g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/10 pcs.
For more detailed information see product specification 2158002
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
2 form A + 2 form B, 2 NO + 2 NC contacts
3 form A + 1 form B, 3 NO + 1 NC contacts
S0413-BC
S0413-BB
S0413-BA
S0412-BH
Product code structure
Typical product code
SR4
D
4
012
Type
SR4 Relay with force guided contacts SR4
Contact arrangement
D 2 form A + 2 form B contacts (2 NO + 2 NC)
M 3 form A + 1 form B contacts (3 NO + 1 NC)
Contact material
4
AgSnO2
Coil
Coil code: please refer to coil versions table (e.g. 012=12VDC)
Other types on request


Similar Part No. - SR4D4060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR4D4060 MACOM-SR4D4060 Datasheet
161Kb / 3P
   General Purpose Relays
SR4D4060 MACOM-SR4D4060 Datasheet
220Kb / 3P
   Safety Relay SR4 D/M
logo
TE Connectivity Ltd
SR4D4060 TEC-SR4D4060 Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
More results

Similar Description - SR4D4060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1415055-1 MACOM-2-1415055-1 Datasheet
553Kb / 3P
   Force Guided Relay SR4 D/M
logo
TE Connectivity Ltd
SR4D TEC-SR4D Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
logo
Tyco Electronics
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
SR4DM MACOM-SR4DM_09 Datasheet
220Kb / 3P
   Safety Relay SR4 D/M
logo
IDEC Corporation
RF1V IDEC-RF1V Datasheet
2Mb / 9P
   RF1V Force Guided Relays/SF1V Relay Sockets
logo
TE Connectivity Ltd
SR2ZY024 TEC-SR2ZY024 Datasheet
359Kb / 2P
   Force Guided Relay on DIN-rail SR2 Z
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
   Force Guided Relay SR6 A/B/C/V
logo
TE Connectivity Ltd
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com