Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6ZC524 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SR6ZC524
Description  6 pole relay with force guided contacts according to EN50205
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR6ZC524 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SR6ZC524 Datasheet HTML 1Page - TE Connectivity Ltd SR6ZC524 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay on DIN-rail SR6 Z (Continued)
AC/DC module, 4 NO+2 NC version
S0422-BD
AC/DC module, 3 NO+3 NC version
S0422-BE
AC/DC module, 5 NO+1 NC version
S0422-BF
Product code
Type
Contact configuration Contact material
Coil
Part number
SR6ZA024
6-pole
3 form A + 3 form B
AgSnO2
24VDC
7-1415033-1
SR6ZA524
force guided
3 NO + 3 NC
24VAC/VDC
9-1415059-1
SR6ZA615
relay module
contacts
115VAC/VDC
1415060-1
SR6ZA730
230VAC
1-1415060-1
SR6ZB024
4 form A + 2 form B
24VDC
5-1415033-1
SR6ZB524
4 NO + 2 NC
24VAC/VDC
2-1415060-1
SR6ZB615
contacts
115VAC/VDC
6-1415046-1
SR6ZB730
230VAC
3-1415060-1
SR6ZC024
5 form A + 1 form B
24VDC
3-1415042-1
SR6ZC524
5 NO + 1 NC
24VAC/VDC
4-1415060-1
SR6ZC615
contacts
115VAC/VDC
5-1415060-1
SR6ZC730
230VAC
6-1415060-1
Product code structure
Typical product code
SR6Z
B
024
Type
SR6Z Relay with force guided contacts on DIN-rail SR6 Z
Contact configuration
A 3 form A (NO) + 3 form B (NC) contacts
B 4 form A (NO) + 2 form B (NC) contacts
C 5 form A (NO) + 1 form B (NC) contacts
Coil
DC Coil code = rated coil voltage (e.g. 024=24 VDC)
AC/DC coil code: 524=24 VAC/VDC, 615=115 VAC/VDC
AC coil code: 730=230 VAC
Other types on request
Terminal assignment
DC module, 4 NO+2 NC version
DC module, 3 NO+3 NC version
DC module, 5 NO+1 NC version
S6Z8004


Similar Part No. - SR6ZC524

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6ZC524 MACOM-SR6ZC524 Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
More results

Similar Description - SR6ZC524

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
   4 pole relay with force guided contacts according to EN 50205
SR2M TEC-SR2M Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
logo
Tyco Electronics
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com