Electronic Components Datasheet Search |
|
SR6D4021 Datasheet(PDF) 1 Page - TE Connectivity Ltd |
|
SR6D4021 Datasheet(HTML) 1 Page - TE Connectivity Ltd |
1 / 2 page 1 01-2015, Rev. 0115 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog product data, ‘Definitions’ section, application notes and all specifications are subject to change. SCHRACK General Purpose Force Guided Relays Force Guided Relay SR6 D/M n 4 pole relay with force guided contacts according to EN 50205 n High insulation distances between electrical circuits Typical applications Emergency shut-off, press control, machine control, elevator and escalator control, safety relays. Approvals VDE Cert. No. 128935, UL E214025, TUV 968/EL 350 Technical data of approved types on request. Contact Data Contact arrangement 3 form A + 1 form B contacts 3 NO + 1 NC, 2 form A + 2 form B contacts 2 NO + 2 NC Rated voltage 250VAC Max. switching voltage 400VAC Rated current 8A Contact material AgSnO2 Contact style single contact, force guided type A according to EN 50205 Min. recommended contact load 5V, 10mA Initial contact resistance ≤100mΩ at 1A, 24VDC ≤20Ω at 10mA, 5VDC Frequency of operation, with/without load 6/150min-1 Contact ratings, IEC60947-5-1, on 1 form A (NO) contact AC15-5A DC13-6A Mechanical endurance 10x106 operations Coil data Coil voltage range 5 to 110VDC Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10%1) mW 005 5 3.8 0.5 21 1190 006 6 4.5 0.6 30 1200 009 9 6.8 0.9 68 1191 012 12 9 1.2 120 1200 018 18 13.5 1.8 270 1200 021 21 16 2.1 368 1198 Coil Data (continued) Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10%1) mW 024 24 18 2.4 480 1200 036 36 27 3.6 1080 1200 040 40 30 4.0 1333 1200 048 48 36 4.8 1920 1200 060 60 45 6 30001) 1200 110 110 83 11 100801) 1200 1) Coil resistance ±12%. All figures are given for coil without pre-energization, at ambient temperature +23°C. Insulation Data Initial dielectric strength between open contacts 1500Vrms between contact and coil 4000Vrms between adjacent contacts 3000Vrms in longitudinal direction 4000Vrms Clearance/creepage between open contacts microdisconnection between contact and coil ≥5.5/5.5mm between adjacent contacts ≥5.5/5.5mm in longitudinal direction ≥15/15mm Insulation to EN 50178, type of insulation between contact and coil reinforced between adjacent contacts reinforced Z T F0206-ED |
Similar Part No. - SR6D4021 |
|
Similar Description - SR6D4021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |