Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNR Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SNR
Description  1 pole 6A, 1 form C (CO), 1 form A (NO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SNR Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SNR_15 Datasheet HTML 1Page - TE Connectivity Ltd SNR_15 Datasheet HTML 2Page - TE Connectivity Ltd SNR_15 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RTIII - wash tight
Vibration resistance (functional),
form A (NO) / form B (NC)
10/5g
Shock resistance (functional),
form A (NO) / form B (NC)
10/5g
Shock resistance (destructive)
30g
Terminal type
PCB-THT, plug-in
Mounting
PCB, socket
Weight
6g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s2)
Packaging unit
tube/20 pcs., box/1000 pcs.
2) for flat pack version selective soldering is recommended
Accessories
For details see datasheet
Accessories Slim Interface Relay SNR
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 form C contact (1 CO)
1 form A contact (1 NO)
Vertical version
Flat pack version2)
S0258-AA
S0258-AB
S0258-AC
S0284-A
S0283-A
Version for DIN-rail socket
S0283-AB
2) for flat pack version selective soldering is recommended


Similar Part No. - SNR_15

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
More results

Similar Description - SNR_15

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
T9V TEC-T9V Datasheet
241Kb / 2P
   1 pole 40A, 1 form A (NO) contact
REL TEC-REL Datasheet
234Kb / 2P
   1 pole 5 A, 1 form A (NO) contact
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
   1 Form C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com