Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP585LSAN09T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP585LSAN09T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585LSAN09T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP585LSAN09T1G Datasheet HTML 2Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 3Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 4Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 5Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 6Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 7Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 8Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 9Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP585
http://onsemi.com
6
TYPICAL CHARACTERISTICS
OUTPUT CURRENT, Iout (mA)
Figure 15. Output Voltage vs. Temperature
−25
0
25
50
TEMPERATURE (
°C)
100
0.83
0.82
0.81
0.80
0.79
0.78
0.77
−50
75
Vout = 0.8 V
ECO = H
Figure 16. Output Voltage vs. Temperature
−25
0
25
50
TEMPERATURE (
°C)
100
0.83
0.82
0.81
0.80
0.79
0.78
0.77
−50
75
Vout = 0.8 V
ECO = L
−25
0
25
50
100
1.52
1.51
1.50
1.49
1.48
1.47
1.46
−50
1.53
75
Vout = 1.5 V
ECO = H
−25
0
25
50
100
1.52
1.51
1.50
1.49
1.48
1.47
1.46
−50
1.53
75
Vout = 1.5 V
ECO = L
50
100
150
200
300
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
0.7
250
0.8
Vout = 0.8 V
ECO = H
50
100
150
200
300
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
0.7
250
0.8
Vout = 0.8 V
ECO = L
85
°C
25
°C40°C
85
°C
25
°C
40
°C
Figure 17. Output Voltage vs. Temperature
Figure 18. Output Voltage vs. Temperature
Figure 19. Dropout Voltage vs. Output Current
TEMPERATURE (
°C)
TEMPERATURE (
°C)
OUTPUT CURRENT, Iout (mA)
Figure 20. Dropout Voltage vs. Output Current


Similar Part No. - NCP585LSAN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585LSAN09T1G ONSEMI-NCP585LSAN09T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
More results

Similar Description - NCP585LSAN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com