Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBTC-2-10+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SBTC-2-10+
Description  POWER SPLITTER/COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SBTC-2-10+ Datasheet(HTML) 1 Page - Mini-Circuits

  SBTC-2-10+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
4795
$
Kit K1-SBTC+ Electrical specifications of each model
ea. kit ( 3 models,5of each, 15 total )
5 to 2500MHz
SBTC+ Features
Wideband, 50
Excellent amplitude
unbalance
Low insertion loss
Low cost
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
Model
Freq.
Isolation
Insertion Loss (dB )
Phase
Amplitude
Power
Range
( dB )
Above 3.0dB
Unbalance
Unbalance
Input
( MHz )
( Degrees )
( dB )
( W )
( as a splitter )
L*
M
U*
L*
M
U*
L*
M
U*
L*
M
U*
fL-fU
Typ. Min. Typ. Min. Typ. Min.
Typ. Max. Typ. Max. Typ. Max.
Max.
Max. Max.
Max. Max. Max.
Max.
SBTC-2-10+
5-1000
29
20
25
18
21
16
0.3
0.7
0.3
0.8
0.5 1.4
3
3
5
0.6
0.5
0.5
0.5
SBTC-2-20+
200-2000
——
20
14
——
0.8
2.2
——
10
——
0.8
0.5
SBTC-2-25+
1000-2500
——
20
14
——
1.4
2.5
——
14
——
1.2
1.0
L = low range [
fL to 10fL ]
M = mid range [ 10
fL to fU/2 ]
U = uper range [
fU/2 to fU ]
Protected under U.S. Patent 6,963,255
* When only specification for M range given, specification applies to entire frequency range.
Leadless, open style package
Micro-miniature size .15" x .15"x .15"
Temperature stable LTCC base
Low Temperature Co-fired Ceramic
o S
COMPLIANT
All models are RoHS compliant
2WAY-0O
POWER SPLITTER/COMBINERS Designer's Kit K1-SBTC+
REV. OR
M104885
K1-SBTC+


Similar Part No. - SBTC-2-10+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10 MINI-SBTC-2-10 Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-10-5075 MINI-SBTC-2-10-5075 Datasheet
270Kb / 1P
   Power Splitter/Combiner
SBTC-2-10-75 MINI-SBTC-2-10-75 Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-10-7550 MINI-SBTC-2-10-7550 Datasheet
274Kb / 1P
   Power Splitter/Combiner
SBTC-2-10-75L MINI-SBTC-2-10-75L Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
More results

Similar Description - SBTC-2-10+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
   POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
   POWER SPLITTER/COMBINERS
K1-ADP MINI-K1-ADP Datasheet
260Kb / 1P
   POWER SPLITTER/COMBINERS
K2-SBTC MINI-K2-SBTC Datasheet
304Kb / 1P
   POWER SPLITTER/COMBINERS
logo
MRV Communications, Inc...
MRV-FD-SPLTCMB MRV-MRV-FD-SPLTCMB Datasheet
250Kb / 2P
   Passive Splitter/Combiners
logo
Mini-Circuits
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com