Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAA193 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA193
Description  Dual Pole OptoMOS Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA193 Datasheet(HTML) 1 Page - IXYS Corporation

  PAA193 Datasheet HTML 1Page - IXYS Corporation PAA193 Datasheet HTML 2Page - IXYS Corporation PAA193 Datasheet HTML 3Page - IXYS Corporation PAA193 Datasheet HTML 4Page - IXYS Corporation PAA193 Datasheet HTML 5Page - IXYS Corporation PAA193 Datasheet HTML 6Page - IXYS Corporation PAA193 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA193-R03
1
PAA193
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
PAA193
8-Lead DIP (50/tube)
PAA193S
8-Lead Surface Mount (50/tube)
PAA193STR
8-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
600
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
50
Applications
Features
Description
Ordering Information
Pin Configuration
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
5000V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
The PAA193 is a dual normally open (1-Form-A) solid
state relay that uses optically coupled relay technology
to provide an enhanced 5000V
rms input to output
isolation barrier. The efficient MOSFET switches use
IXYS IC Division's patented OptoMOS architecture.
Highly efficient GaAIAs infrared LEDs provide the
optically coupled control.
Dual OptoMOS relays provide a more compact design
solution than discrete single-pole relays in a variety
of applications. The dual relays save board space by
incorporating two relays in a single 8-pin package.
Approvals
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
- Control - Switch #1
+ Control - Switch #2
- Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2


Similar Part No. - PAA193

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
PAA193S CLARE-PAA193S Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
PAA193STR CLARE-PAA193STR Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
More results

Similar Description - PAA193

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
   DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com