Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0936010043 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0936010043
Description  GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0936010043 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0936010043 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0936010043
Status:
Active
Overview:
GWconnect Heavy Duty Connectors (HDC)
Description:
GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag)
Plated Copper Alloy, 0.75mm² (18 AWG), 100 per Bag
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
256883
UL
E249674
General
Product Family
Industrial Connectors / Enclosures
Series
93601
Contact Type
Turned Crimp Contact
Overview
GWconnect Heavy Duty Connectors (HDC)
Product Category
Contacts
Product Name
GWconnect
UPC
887191866710
Physical
Gender
Female
Material - Contact
Copper Alloy
Material - Plating
Silver
Net Weight
0.700/g
Number of Grooves
0
Packaging Type
Bag
Stripping Length
8.00mm
Wire Size AWG
18
Wire Size mm²
0.75
Electrical
Current - Maximum per Contact
10.0A
Material Info
Engineering Number
7100.4203.0
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
93601 Series
Mates With
93601 Male Turned Crimp Contact
Use With
S-D, S-DD, S-K, S-Q, S-QD, and S-M
Inserts
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0936010043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0936010040 MOLEX1-0936010040 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Copper Alloy, 0.14-0.37mm짼 (26-22 AWG), 100 per Bag
0936010041 MOLEX1-0936010041 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag)
0936010042 MOLEX1-0936010042 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Copper Alloy, 0.50mm짼 (20 AWG), 100 per Bag
0936010044 MOLEX1-0936010044 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
0936010045 MOLEX1-0936010045 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag)
More results

Similar Description - 0936010043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0936010055 MOLEX1-0936010055 Datasheet
36Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
0936010169 MOLEX1-0936010169 Datasheet
41Kb / 1P
   GWconnect Turned Crimp Contact for 16A Inserts and Modules, Female, Silver (Ag) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
0936010163 MOLEX1-0936010163 Datasheet
39Kb / 1P
   GWconnect Turned Crimp Contact for 16A Inserts and Modules, Male, Silver (Ag) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
0936010044 MOLEX1-0936010044 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
0936010057 MOLEX1-0936010057 Datasheet
36Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Copper Alloy, 1.00mm짼 (18 AWG), 100 per Bag
0936010047 MOLEX1-0936010047 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Copper Alloy, 1.50mm짼 (16 AWG), 100 per Bag
0936010049 MOLEX1-0936010049 Datasheet
38Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Copper Alloy, 2.50mm짼 (14 AWG), 100 per Bag
0936010175 MOLEX1-0936010175 Datasheet
41Kb / 1P
   GWconnect Turned Crimp Contact for 16A Inserts and Modules, Female, Silver (Ag) Plated Copper Alloy, 1.00mm짼 (18 AWG), 100 per Bag
0936010056 MOLEX1-0936010056 Datasheet
36Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Male, Gold (Au) Plated Copper Alloy, 0.75mm짼 (18 AWG), 100 per Bag
0936010053 MOLEX1-0936010053 Datasheet
36Kb / 1P
   GWconnect Turned Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Copper Alloy, 0.50mm짼 (20 AWG), 100 per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com