Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0936010030 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0936010030
Description  GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 100 per Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0936010030 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0936010030 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0936010030
Status:
Active
Overview:
GWconnect Heavy Duty Connectors (HDC)
Description:
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag)
Plated Phosphor Bronze, 0.75-2.50mm² (18-14 AWG), 100 per Bag
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
256883
UL
E249674
General
Product Family
Industrial Connectors / Enclosures
Series
93601
Contact Type
Stamped Crimp Contact
Overview
GWconnect Heavy Duty Connectors (HDC)
Product Category
Contacts
Product Name
GWconnect
UPC
887191865485
Physical
Gender
Male
Material - Contact
Phosphor Bronze
Material - Plating
Silver
Net Weight
0.400/g
Number of Grooves
0
Packaging Type
Bag
Stripping Length
3.20mm
Wire Size AWG
14-18
Wire Size mm²
0.75-2.50
Electrical
Current - Maximum per Contact
10.0A
Material Info
Engineering Number
7100.4077.0
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
93601 Series
Mates With
93601 Female Stamped Crimp Contact
Use With
S-D, S-K, S-Q, S-QD, and S-M Inserts
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0936010030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0936010032 MOLEX1-0936010032 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Tin (Sn) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 100 per Bag
0936010033 MOLEX1-0936010033 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 400 per Reel
0936010035 MOLEX1-0936010035 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Tin (Sn) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 400 per Reel
0936010036 MOLEX1-0936010036 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 2000 per Reel
0936010037 MOLEX1-0936010037 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Gold (Au) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 2000 per Reel
More results

Similar Description - 0936010030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0936010012 MOLEX1-0936010012 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 100 per Bag
0936010036 MOLEX1-0936010036 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 2000 per Reel
0936010033 MOLEX1-0936010033 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 400 per Reel
0936010032 MOLEX1-0936010032 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Tin (Sn) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 100 per Bag
0936010018 MOLEX1-0936010018 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 2000 per Reel
0936010015 MOLEX1-0936010015 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 400 per Reel
0936010014 MOLEX1-0936010014 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Tin (Sn) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 100 per Bag
0936010021 MOLEX1-0936010021 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Silver (Ag) Plated Phosphor Bronze, 0.14-0.75mm짼 (26-18 AWG), 100 per Bag
0936010037 MOLEX1-0936010037 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Gold (Au) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 2000 per Reel
0936010035 MOLEX1-0936010035 Datasheet
38Kb / 1P
   GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Tin (Sn) Plated Phosphor Bronze, 0.75-2.50mm짼 (18-14 AWG), 400 per Reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com