Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP585DSN18T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP585DSN18T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585DSN18T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP585DSN18T1G Datasheet HTML 1Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 2Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 3Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 4Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 5Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 6Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 7Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 8Page - ON Semiconductor NCP585DSN18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 3
1
Publication Order Number:
NCP585/D
NCP585
Tri−Mode 300 mA CMOS
LDO Regulator with Enable
The NCP585 series of low dropout regulators are designed for
portable battery powered applications which require precise output
voltage accuracy, low supply current, and high ripple rejection.
These devices feature an enable function which lowers current
consumption significantly and are offered in the SOT23−5 and the
HSON−6 packages.
This series of devices have three modes. Chip Enable (CE mode),
Fast Transient Mode (FT mode), and Low Power Mode (LP mode).
Both the FT and LP mode are utilized via the ECO pin.
Features
Low Dropout Voltage of 480 mV at 300 mA, Output Voltage = 1.0 V
310 mV at 300 mA, Output Voltage = 1.5 V
230 mV at 300 mA, Output Voltage = 3.0 V
Excellent Line and Load Regulation
High Output Voltage Accuracy of ±2% (±3% LP mode)
Ultra−Low Supply Current of:
3.5
mA (LP mode, Output Voltage < 1.6 V)
80
mA (FT mode, Output Voltage < 1.8 V)
60
mA (FT mode, Output Voltage ≥ 1.8 V)
Excellent Power Supply Rejection Ratio of 65 dB
Output Voltage Options: 0.9, 1.2 and 1.8 V
Low Temperature Drift Coefficient on the Output Voltage
Low Quiescent of 0.1 mA
Fold Back Protection Circuit
These are Pb−Free Devices
Typical Applications
Portable Equipment
Hand−Held Instrumentation
Camcorders and Cameras
SOT23−5
SN SUFFIX
CASE 1212
MARKING
DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
DEV
= Specific Device Code
M
= Date Code
1
5
DEVM
1
5
http://onsemi.com
1
6
HSON−6
SAN SUFFIX
CASE 506AE
XXXX
= Specific Device Code
YY
= Wafer Lot
1
6
XXX
XYY


Similar Part No. - NCP585DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN18T1G ONSEMI-NCP585DSN18T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
More results

Similar Description - NCP585DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com