Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2569 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2569
Description  Silicon Complementary Transistors High Current Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2569 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2569 Datasheet HTML 1Page - NTE Electronics NTE2569 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2568 (NPN) & NTE2569 (PNP)
Silicon Complementary Transistors
High Current Switch
Features:
D Low Saturation Voltage
D Fast Switching Speed
D Isolated TO220 Type Package
Applications:
D Car–Use Inductance Drivers, Lamp Drivers
D Inverter Drivers, Converters (Strobes, Flashes, FLT Lighting Circuits)
D Power Amplifiers (High–Power Car Stereos, Motor Control)
D High–Speed Switching (Switching Regulators, Drivers)
Absolute Maximum Ratings: (TC = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
10A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
12A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation, PC
TC = +25°C
30W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = +25°C
2W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB = 40V, IE = 0
0.1
mA
Emitter Cutoff Current
IEBO
VEB = 4V, IC = 0
0.1
mA
DC Current Gain
hFE
VCE = 2V, IC = 1A
70
280
Gain Bandwidth Product
fT
VCE = 5V, IC = 1A
100
MHz
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 5A, IB = 0.25A
0.4
V


Similar Part No. - NTE2569

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE256 NTE-NTE256 Datasheet
24Kb / 2P
   Silicon NPN Transistor Darlington w/Damper Diode
NTE2560 NTE-NTE2560 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2561 NTE-NTE2561 Datasheet
19Kb / 2P
   Silicon NPN Transistor Video Amplifier
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2563 NTE-NTE2563 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results

Similar Description - NTE2569

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2517 NTE-NTE2517 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2526 NTE-NTE2526 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2536 NTE-NTE2536 Datasheet
20Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com