Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8209 Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY8209
Description  3.3W/CH Stereo Class D Audio Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8209 Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY8209_17 Datasheet HTML 7Page - Lyontek Inc. LY8209_17 Datasheet HTML 8Page - Lyontek Inc. LY8209_17 Datasheet HTML 9Page - Lyontek Inc. LY8209_17 Datasheet HTML 10Page - Lyontek Inc. LY8209_17 Datasheet HTML 11Page - Lyontek Inc. LY8209_17 Datasheet HTML 12Page - Lyontek Inc. LY8209_17 Datasheet HTML 13Page - Lyontek Inc. LY8209_17 Datasheet HTML 14Page - Lyontek Inc. LY8209_17 Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LY8209
Rev. 1.3
3.3W/CH Stereo Class D Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
11
®
Efficiency vs. Output Power (8Ohm) 3.7V
Efficiency vs. Output Power (8Ohm) 5.0V
Efficiency vs Output Power(W)
(RL=8Ω SPEAKER+33uH),VDD=3.7V
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
Po-Output Power(W)
Efficiency vs Output Power(W)
(RL=8Ω SPEAKER+33uH),VDD=5V
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
Po-Output Power(W)
Efficiency vs. Output Power (4Ohm) 3.7V
Efficiency vs. Output Power (4Ohm) 5.0V
Efficiency vs Output Power(W)
(RL=4Ω SPEAKER+33uH),VDD=3.7V
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.5 1.6
Po-Output Power(W)
Efficiency vs Output Power(W)
RL=4Ω SPEAKER+33uH,VDD=5V
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.4 0.8 1 1.2 1.6 2 2.4 2.8
Po-Output Power(W)
Dissipation vs. Output Power (8Ohm)
Dissipation vs. Output Power (4Ohm)


Similar Part No. - LY8209_17

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
More results

Similar Description - LY8209_17

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8212 LYONTEK-LY8212_12 Datasheet
843Kb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA218DS ETC2-TMPA218DS Datasheet
218Kb / 13P
   3.5W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DS ETC1-TMPA2155DS Datasheet
355Kb / 14P
   2.7W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com