Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8010 Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY8010
Description  3.3 W Mono Filterless Class D Audio power Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8010 Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY8010_17 Datasheet HTML 5Page - Lyontek Inc. LY8010_17 Datasheet HTML 6Page - Lyontek Inc. LY8010_17 Datasheet HTML 7Page - Lyontek Inc. LY8010_17 Datasheet HTML 8Page - Lyontek Inc. LY8010_17 Datasheet HTML 9Page - Lyontek Inc. LY8010_17 Datasheet HTML 10Page - Lyontek Inc. LY8010_17 Datasheet HTML 11Page - Lyontek Inc. LY8010_17 Datasheet HTML 12Page - Lyontek Inc. LY8010_17 Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LY8010
Rev. 2.1
3.3 W Mono Filterless Class D Audio power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
2F, No.17, lndustry E . Rd. II, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
Output Power vs VDD (RL=4Ohm)
Output Power vs VDD (RL=8Ohm)
OUTPUT POWER vs. VDD
0
0.8
1.6
2.4
3.2
4
4.8
2.5V
3.7V
4.2V
5V
5.5V
6V
VDD-Supply Voltage-V (4Ω)
THD+N=10%
THD+N=1%
OUTPUT POWER vs. VDD
0
0.4
0.8
1.2
1.6
2
2.4
2.8
2.5V
3.7V
4.2V
5V
5.5V
6V
VDD-Supply Voltage-V (8Ω)
THD+N=10%
THD+N=1%
Efficiency and Output Power (4Ohm) 3.7V
Efficiency and Output Power (4Ohm) 5.0V
Efficiency vs Output Power(RL=4 ohm)
0
10
20
30
40
50
60
70
80
90
0
0.1 0.3 0.5 0.7 0.9
1
1.2 1.3 1.6 1.7
Po-Output Power(W)
VDD=3.7
Efficiency vs Output Power(W) RL=4 ohm
0
10
20
30
40
50
60
70
80
90
0 0.1 0.4 0.7
1
1.3 1.6 1.9 2.2 2.5 2.8
Po-Output Power(W)
VDD=5.0
Efficiency and Output Power (8Ohm) 3.7V
Efficiency and Output Power (8Ohm) 5.0V
Efficiency vs Output Power(RL=8 ohm)
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Po-Output Power(W)
VDD=3.7
Efficiency vs Output Power(W) RL=8 ohm
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2 0.4 0.6 0.8
1 1.2 1.4 1.6 1.8
Po-Output Power(W)
VDD=5.0


Similar Part No. - LY8010_17

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
More results

Similar Description - LY8010_17

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_13 Datasheet
738Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_17 Datasheet
839Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com