Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C1128-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C1128-12
Description  N Male to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1128-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C1128-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1128-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1128-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1128-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1128-12 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.52
0.56
0.62
0.71
0.82
dB
Insertion Loss (Typ.)
0.49
0.52
0.58
0.65
0.75
dB
.
Mechanical Specifications
Cable Assembly
Length
12 in [304.8 mm]
Diameter
0.875 in [22.23 mm]
.
Weight
0.22 lbs [99.79 g]
Cable
Cable Type
PE-P142LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Jacket Material
FEP, Green
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
PE3C1128-12 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1128-12
RF Cable Assemblies Technical Data Sheet
PE3C1128-12
N Male to SMA Female Low Loss Cable 12 Inch
Length Using PE-P142LL Coax, RoHS


Similar Part No. - PE3C1128-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1128-100CM PASTERNACK-PE3C1128-100CM Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1128-150CM PASTERNACK-PE3C1128-150CM Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C1128-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0689-12 PASTERNACK-PE3C0689-12 Datasheet
419Kb / 5P
   SMA Male to N Male Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1239-12 PASTERNACK-PE3C1239-12 Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C2162-12 PASTERNACK-PE3C2162-12 Datasheet
437Kb / 5P
   SMA Male to N Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C3205-12 PASTERNACK-PE3C3205-12 Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1128-24 PASTERNACK-PE3C1128-24 Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PE3C1128-36 PASTERNACK-PE3C1128-36 Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 36 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159-12 PASTERNACK-PE3C3159-12 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1128-60 PASTERNACK-PE3C1128-60 Datasheet
484Kb / 5P
   N Male to SMA Female Low Loss Cable 60 Inch Length Using PE-P142LL Coax, RoHS
PE3C2305-12 PASTERNACK-PE3C2305-12 Datasheet
399Kb / 5P
   SMA Male Right Angle to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C0847-12 PASTERNACK-PE3C0847-12 Datasheet
400Kb / 5P
   SMA Male to TNC Male Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com