Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVM12F3Y7 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVM12F3Y7
Description  3 LED Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVM12F3Y7 Datasheet(HTML) 1 Page - TT Electronics.

  OVM12F3Y7 Datasheet HTML 1Page - TT Electronics. OVM12F3Y7 Datasheet HTML 2Page - TT Electronics. OVM12F3Y7 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© TT electronics plc
Issue B
11/2016
Page 1
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OVM12F3x7 series
Description:
The OVM12F3x7 is a versatile string of 30 LED modules for surface illumination creating decorative, special effects or
channel letter applications. Response time is fast for instantaneous flashing lights and power consumption results in low
power requirements from circuit power supply. Decorative applications include boats & motorcycles, boat houses & docks,
residential under counter lighting & hidden ceiling lights, safety lights around steps and pools are just a few places to create
an environment for fun and emotional moods.
Applications:
Mood-setting decoration and landscape lighting
Special decorative interior/exterior lighting
Special effects stage lighting
Channel Letters & Signs
Large Area Back-lighting
High-lighting pedestrian and walkway areas
1 string
Length: 160 inches
Contains 30 modules
Unit Price = 1 module
UL File E339817
Part Number
Color
Beam An-
gle
Dominant Wavelength or
CCT
Illumination
(lux@0.5m) typ
IP
Rating
Housing
Material
Wire
Gauge
OVM12F3R7
Red
120°
623 +/- 3 nm
20
67
ABS
AWG 20
OVM12F3Y7
Yellow
590 +/- 3 nm
18
OVM12F3G7
Green
525 +/- 5 nm
14
OVM12F3B7
Blue
470 +/- 5 nm
6
OVM12F3W7
White
5000 to 7000 K
16
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS


Similar Part No. - OVM12F3Y7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVM18F4B7 OPTEK-OVM18F4B7 Datasheet
268Kb / 2P
   Special decorative interior/exterior lighting
logo
TT Electronics.
OVM18F4B7 TTELEC-OVM18F4B7 Datasheet
268Kb / 2P
   4 LED Module
logo
OPTEK Technologies
OVM18F4G7 OPTEK-OVM18F4G7 Datasheet
268Kb / 2P
   Special decorative interior/exterior lighting
logo
TT Electronics.
OVM18F4G7 TTELEC-OVM18F4G7 Datasheet
268Kb / 2P
   4 LED Module
logo
OPTEK Technologies
OVM18F4R7 OPTEK-OVM18F4R7 Datasheet
268Kb / 2P
   Special decorative interior/exterior lighting
More results

Similar Description - OVM12F3Y7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322139 PHOENIX-2322139 Datasheet
66Kb / 4P
   Interface module - VIP-3/SC/FLK64/LED
2904257 PHOENIX-2904257 Datasheet
66Kb / 4P
   Interface module - VIP-3/PT/FLK64/LED
logo
Protek Devices
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
PHOENIX CONTACT
2322113 PHOENIX-2322113 Datasheet
80Kb / 5P
   Interface module - VIP-3/SC/FLK50/LED
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
PHOENIX CONTACT
2904252 PHOENIX-2904252 Datasheet
82Kb / 6P
   Interface module - VIP-3/PT/FLK26/LED
09/12/2020
2322087 PHOENIX-2322087 Datasheet
66Kb / 4P
   Interface module - VIP-3/SC/FLK26/LED
2322100 PHOENIX-2322100 Datasheet
66Kb / 4P
   Interface module - VIP-3/SC/FLK40/LED
logo
OptoSupply Internationa...
OE35RGB3N-J OPTOSUPPLY-OE35RGB3N-J Datasheet
265Kb / 3P
   PRODUCT SPECIFICATION FOR 5050 SMD 3-LED MODULE
logo
Microsemi Corporation
LXMG1930-28-0X MICROSEMI-LXMG1930-28-0X Datasheet
195Kb / 8P
   3-String 5W LED Backlight Boost Driver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com